Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP5662 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NCP5662
Description  Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NCP5662 Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 2
1
Publication Order Number:
NCP5662/D
NCP5662
Low Output Voltage,
Ultra−Fast 2.0 A Low Dropout
Linear Regulator with Enable
The NCP5662 is a high performance, low dropout linear regulator
designed for high power applications that require up to 2.0 A current.
It is offered in both fixed and adjustable output versions. With output
voltages as low as 0.9 V and ultra−fast response times for load
transients, the NCP5662 also provides additional features such as
Enable and Error Flag (for the fixed output version), increasing the
utility of this device. A thermally robust, 5 pin D2Pak, combined with
an architecture that offers low ground current (independent of load),
provides for a superior high−current LDO solution.
Features
Ultra−Fast Transient Response (Settling Time: 1−3 ms)
Low Noise Without Bypass Capacitor (26 mVrms)
Low Ground Current Independent of Load (3.0 mA Maximum)
Fixed/Adjustable Output Voltage Versions
Enable Function
Error Flag (Fixed Output Version)
Current Limit Protection
Thermal Protection
0.9 V Reference Voltage for Ultra−Low Output Operation
Power Supply Rejection Ratio > 65 dB
This is a Pb−Free Device
Applications
Servers
ASIC Power Supplies
Post Regulation for Power Supplies
Constant Current Source
Networking Equipment
Gaming and STB Modules
D2PAK
CASE 936AA
1
5
y
= A for Adjustable Version
B for Fixed 1.5 V Version
A
= Assembly Location
W
= Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free
MARKING
DIAGRAM
P5662DSy
AWYYWWG
Tab = Ground
Pin 1. Enable
2. Vin
3. Ground
4. Vout
5. Adj (adjustable output)
5. Error Flag (fixed output)
http://onsemi.com
MARKING
DIAGRAM
See detailed ordering and shipping information in the package
dimensions section on page 11 of this data sheet.
ORDERING INFORMATION
1
NC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn