Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3991 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part No. MAX3991
Description  10Gbps Clock and Data Recovery with Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3991 Datasheet(HTML) 6 Page - Maxim Integrated Products

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
10Gbps Clock and Data Recovery
with Limiting Amplifier
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = 3.3V, TA = +25
°C, unless otherwise noted.)
20ps/div
MAX3991 OUPTUT AFTER XFP CONNECTOR
(INPUT = 9.95328Gbps, 231-1 PATTERN, 10mVP-P)
MAX3991 toc01
20ps/div
MAX3991 OUTPUT
(INPUT = 9.95328Gbps, 231-1 PATTERN)
MAX3991 toc02
0
6
4
2
8
10
12
14
16
020
10
30
40
50
JITTER GENERATION vs. POWER-SUPPLY
WHITE NOISE AMPLITUDE (BW < 100kHz)
NOISE AMPLITUDE (mVRMS)
SUPPLY-INDUCED OUTPUT JITTER
FREQUENCY (Hz)
1M
100k
10k
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0
1k
10M
JITTER TOLERANCE vs. FREQUENCY
FREQUENCY (Hz)
10M
1M
100k
1
10
100
0.1
10k
100M
TOLERANCE EXCEEDS
MODULATION
CAPABILITIES OF TEST
EQUIPMENT
INPUT = 30mVP-P,
PRBS 231-1,
10.095Gbps, 0.2UIP-P
SONET MASK
0
0.10
0.05
0.20
0.15
0.30
0.25
0.35
0.40
0.45
020
10
30
40
50
SINUSOIDAL JITTER TOLERANCE
vs. INPUT AMPLITUDE
DIFFERENTIAL INPUT AMPLITUDE (mVP-P)
PATTERN = 231 -1
PRBS WITH 0.2UIP-P
ADDITIONAL
DETERMINISTIC
JITTER, 10.095Gbps
BIT ERROR RATIO
vs. INPUT AMPLITUDE
DIFFERENTIAL INPUT AMPLITUDE (mVP-P)
6.5
6.0
5.5
5.0
1.0E-11
1.0E-10
1.0E-09
1.0E-08
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E-00
1.0E-12
4.5
7.0
JITTER TRANSFER
FREQUENCY (MHz)
1M
100k
10k
-18
-15
-12
-9
-6
-3
0
3
-21
1k
10M
100M
80
100
90
120
110
130
140
-5
25
40
10
55
70
85
SUPPLY CURRENT vs. TEMPERATURE
AMBIENT TEMPERATURE (
°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn