Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3991 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX3991
Description  10Gbps Clock and Data Recovery with Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3991 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
10Gbps Clock and Data Recovery
with Limiting Amplifier
_______________________________________________________________________________________
5
Figure 1. RX LOL Assert and PLL Acquisition Time
LOL
ACQUISITION
TIME
∆f/fREFCLK
LOL
ASSERT TIME
*ASSERT AND ACQUISITION TIME ARE DEFINED
WITH A VALID REFERENCE CLOCK APPLIED.
651ppm
500ppm
Figure 2. LOS Assert/Deassert Time
LOS
LOS DEASSERT TIME
DATA INPUT
POWER
LOS ASSERT TIME
LOL
ACQUISITION TIME


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn