Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3991 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX3991
Description  10Gbps Clock and Data Recovery with Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3991 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
10Gbps Clock and Data Recovery
with Limiting Amplifier
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VCC..............................................-0.5V to +4.0V
Input Voltage Levels
(SDI+, SDI-, REFCLK+,
REFCLK-) ....................................(VCC - 1.0V) to (VCC + 0.5V)
CML Output Voltage
(SDO+, SDO-, SCLKO+,
SLCKO-) ......................................(VCC - 1.0V) to (VCC + 0.5V)
Voltage at (CFIL, LOL, VTH, POL,
LOS, FCTL1, FCTL2) ..............................-0.5V to (VCC + 0.5V)
Continuous Power Dissipation (TA = +85
°C)
24-Pin QFN (derate 20.8mW/
°C above +85°C) .........1355mW
Junction Temperature Range ............................-40
°C to +150°C
Storage Temperature Range.............…………..-55
°C to +150°C
Lead Temperature (soldering, 10s) ..……………………..+300
°C
ELECTRICAL CHARACTERISTICS
(See Table 1 for operating conditions. Typical values at VCC = +3.3V, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
106
140
mA
DATA INPUT SPECIFICATION (SDI±)
Single-Ended Input Resistance
RSE
42
50
58
Differential Input Resistance
RD
84
100
116
Single-Ended Input Resistance
Matching
±5
%
0.1GHz to 5.5GHz (Note 1)
12.5
Differential Input Return Loss
SDD11
5.5GHz to 12GHz (Note 1)
6
dB
DC Cancellation Loop Low-
Frequency Cutoff
30
kHz
REFERENCE CLOCK SPECIFICATION (REFCLK±)
Single-Ended Input Resisitance
84
100
116
Differential Input Resistance
168
200
232
CML OUTPUT SPECIFICATION (SDO±)
SDO
± Differential Output Swing
(Note 2)
575
650
725
mVP-P
SDO
± Output Common-Mode
Voltage
RL = 50
Ω to VCC
VCC -
0.16
V
SCLKO
± Differential Output
380
mVP-P
Single-Ended Output Resistance
42
50
58
Differential Output Resistance
RO
84
100
116
Single-Ended Output Resistance
Matching
±5
%
0.1GHz to 5.5GHz (Note 1)
13
Differential Output Return Loss
SDD22
5.5GHz to 12GHz (Note 1)
8
dB
Common-Mode Output Return
SCC22
0.1GHz to 15GHz (Note 1)
5
dB
Rise/Fall Time
(20% to 80%) (Note 2)
18
23
30
ps
Output AC Common Mode
(Note 2)
10
mVRMS
Power-Down Assert Time
(Note 3)
50
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn