Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3991 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part No. MAX3991
Description  10Gbps Clock and Data Recovery with Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3991 Datasheet(HTML) 12 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Chip Information
TRANSISTOR COUNT: 10,300
PROCESS: SiGe bipolar
SUBSTRATE: SOI
Package Information
(The package drawing(s) in this data sheet may not
reflect the most current specifications. For the latest
package outline information, go to www.maxim-
ic.com/packages.) (QFN 4mm x 4mm x 0.8mm, pack-
age code: T2444-4)
MAX3975
MAX3992
MAX3991
DS1862*
CONTROLLER
DRIVER
LOL
LOL
LOS
FCTL VTH
LOS
FCTL VTH
XFI
REFERENCE
30-PIN
CONNECTOR
TOSA
POL
2
2
POL
2-WIRE INTERFACE
50
Ω TRANSMISSION LINE
*FUTURE PRODUCT
REFCLK+
REFCLK-
REFCLK+
REFCLK-
SDI+
SDO+
SDI-
SDO-
CFIL
VCC GND
SDO+
SDO-
SDI+
SDI-
RO5A
CFIL
VCC
VCC
GND
N.C.
N.C.
VCC
0.047
µF
0.047
µF
Typical Application Circuit
10Gbps Clock and Data Recovery
with Limiting Amplifier
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 2004 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn