Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX3991 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. MAX3991
Description  10Gbps Clock and Data Recovery with Limiting Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX3991 Datasheet(HTML) 1 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX3991 is a 10Gbps clock and data recovery
(CDR) with limiting amplifier IC for XFP optical receivers.
The MAX3991 and the MAX3992 (CDR with equalizer)
form a signal conditioner chipset for use in XFP trans-
ceiver modules. The chipset is XFI compliant and offers
multirate operation for data rates from 9.95Gbps to
11.1Gbps.
The MAX3991 has 7mVP-P input sensitivity (BER
≤ 10-12),
which allows direct connection to a transimpedance
amplifier without the use of a stand-alone limiting amplifi-
er. The phase-locked loop (PLL) is optimized for jitter tol-
erance and provides 0.6UI of high-frequency tolerance
in SONET, Ethernet, and Fibre-Channel applications. The
MAX3991 output provides 27% margin to the XFP eye
mask specification.
An AC-based power detector toggles the loss-of-signal
(LOS) output when the input signal swing is below the
user-programmed assert threshold. An external refer-
ence clock, with frequency equal to 1/64 or 1/16 of the
serial data rate is used to aid in frequency acquisition. A
loss-of-lock (LOL) indicator is provided to indicate the
lock status of the receiver PLL.
The MAX3991 is available in a 4mm x 4mm, 24-pin QFN
package. It consumes 350mW from a single +3.3V supply
and operates over the 0°C to +85°C temperature range.
Applications
9.95Gbps to 11.1Gbps Optical XFP Modules
SONET OC-192/SDH STM-64 XFP Transceivers
10.3Gbps/11.1Gbps Ethernet XFP Transceivers
10.5Gbps Fibre-Channel XFP Transceivers
10Gbps DWDM Transceivers
Features
♦ Multirate Operation from 9.95Gbps to 11.1Gbps
♦ 7mVP-P Input Sensitivity (BER ≤ 10-12)
♦ 0.6UIP-P Total High-Frequency Jitter Tolerance
♦ Low-Output Jitter Generation: 7mUIRMS
♦ Low-Output Deterministic Jitter: 4.6psP-P
♦ XFI-Compliant Output Interface
♦ LOS Indicator with Programmable Threshold
♦ LOL Indicator
♦ Power Dissipation: 350mW
10Gbps Clock and Data Recovery
with Limiting Amplifier
________________________________________________________________ Maxim Integrated Products
1
19-3486; Rev 0; 11/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX3991UTG
0°C to +85°C
24 QFN
T2444-4
MAX3991UTG+*
0°C to +85°C
24 QFN
T2444-4
VCC
1
GND
2
SDI+
3
SDI-
4
GND
5
VCC
6
VCC
18
GND
17
SDO+
16
SDO-
15
GND
14
VCC
13
7
8
9
10
11
12
24
23
22
21
20
19
MAX3991
4mm x 4mm QFN*
*THE EXPOSED PAD MUST BE CONNECTED TO CIRCUIT-BOARD GROUND FOR
PROPER THERMAL AND ELECTRICAL PERFORMANCE.
TOP VIEW
Pin Configuration
Typical Application Circuit appears at end of data sheet.
*Future product—contact factory for availability.
+Denotes lead-free package.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn