Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2323 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LMX2323
Description  PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2323 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMX2323 Datasheet HTML 1Page - National Semiconductor (TI) LMX2323 Datasheet HTML 2Page - National Semiconductor (TI) LMX2323 Datasheet HTML 3Page - National Semiconductor (TI) LMX2323 Datasheet HTML 4Page - National Semiconductor (TI) LMX2323 Datasheet HTML 5Page - National Semiconductor (TI) LMX2323 Datasheet HTML 6Page - National Semiconductor (TI) LMX2323 Datasheet HTML 7Page - National Semiconductor (TI) LMX2323 Datasheet HTML 8Page - National Semiconductor (TI) LMX2323 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics (Continued)
V
CC = 3.0V, VP = 3.0V; −40˚C < TA < 85˚C except as specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MICROWIRE TIMING
t
CS
Data to Clock Set Up Time
See Data Input Timing
50
ns
t
CH
Data to Clock Hold Time
See Data Input Timing
10
ns
t
CWH
Clock Pulse Width High
See Data Input Timing
50
ns
t
CWL
Clock Pulse Width Low
See Data Input Timing
50
ns
t
ES
Clock to Enable Set Up Time
See Data Input Timing
50
ns
t
EW
Enable Pulse Width
See Data Input Timing
50
ns
Note 3: This ICC-PWDN represents CLK, DATA, LE and CE being tied to either higher than 0.8 VCC or lower than 0.2 VCC.
Note 4: Phase noise is measured 1 kHz off from the carrier frequency. Comparison frequency is 200 kHz. OSCIN frequency is 13 MHz.
Note 5: Except fIN and OSCIN.
Note 6: Typical values are determined from measurements on the reference evaluation boards. A 3 dB (3 sigma) degradation is estimated from statistical distribution
in manufacturing. Units will NOT be tested in production.
Charge Pump Current Specification Definitions
DS101362-4
I1 = CP sink current at VCPo =VP − ∆V
I2 = CP sink current at VCPo =VP/2
I3 = CP sink current at VCPo = ∆V
I4 = CP source current at VCPo =VP − ∆V
I5 = CP source current at VCPo =VP/2
I6 = CP source current at VCPo = ∆V
∆V = Voltage offset from positive and negative rails. Dependent on VCO tuning range relative to VCC and ground. Typical values are between 0.5V and 1.0V.
1. ICPo vs VCPo = Charge Pump Output Current magnitude variation vs Voltage =
[12 * {|I1| − |I3|}] / [12 * {|I1| + |I3|}] * 100%
and
[12 * {|I4| − |I6|}] / [12 * {|I4| + |I6|}] * 100%
2. ICPo-sink vs ICPo-source = Charge Pump Output Current Sink vs Source Mismatch =
[|I2| − |I5|] / [12 * {|I2| + |I5|}] * 100%
3. ICPo vs TA = Charge Pump Output Current magnitude variation vs Temperature =
[|I2 @ temp| − |I2 @ 25˚C|] / |I2 @ 25˚C| * 100%
and
[|I5 @ temp| − |I5 @ 25˚C|] / |I5 @ 25˚C| * 100%
www.national.com
4


Similar Part No. - LMX2323

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX2320 NSC-LMX2320 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2320TM NSC-LMX2320TM Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2320TMX NSC-LMX2320TMX Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2323

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz