Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMX2323 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2323
Description  PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2323 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMX2323 Datasheet HTML 1Page - National Semiconductor (TI) LMX2323 Datasheet HTML 2Page - National Semiconductor (TI) LMX2323 Datasheet HTML 3Page - National Semiconductor (TI) LMX2323 Datasheet HTML 4Page - National Semiconductor (TI) LMX2323 Datasheet HTML 5Page - National Semiconductor (TI) LMX2323 Datasheet HTML 6Page - National Semiconductor (TI) LMX2323 Datasheet HTML 7Page - National Semiconductor (TI) LMX2323 Datasheet HTML 8Page - National Semiconductor (TI) LMX2323 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
Power Supply Voltage (V
CC)
−0.3V to 6.5V
Power Supply for Charge Pump (V
P)VCC to 6.5V
Voltage on Any Pin with
GND=0V (V
I)
−0.3V to V
CC + 0.5V
Storage Temperature Range (T
S)
−65˚C to +150˚C
Lead Temperature (solder, 4 sec.) (T
L)
+260˚C
ESD - Whole Body Model (Note 2)
2 kV
Recommended Operating
Conditions (Note 1)
Power Supply Voltage (V
CC)
2.7V to 5.5V
Power Supply for Charge pump (V
P)VCC to 5.5V
Operating Temperature (T
A)
−40˚C to +85˚C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to
the device may occur. Operating Conditions indicate conditions for which the
device is intended to be functional. For guaranteed specifications and test
conditions, see the Electrical Characteristics.
Note 2: This device is a high performance RF integrated circuit and is ESD
sensitive. Handling and assembly of this device should be done on ESD
protected workstations.
Electrical Characteristics
V
CC = 3.0V, VP = 3.0V; −40˚C < TA < 85˚C except as specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GENERAL
I
CC
Power Supply Current
V
CC = 3.0V
3.5
mA
I
CC
V
CC = 2.7V to 5.5V
7.0
mA
I
CC-PWDN
V
CC = 5.5V (Note 3)
10
20
µA
f
IN
RF Operating Frequency
0.1
2.0
GHz
f
OSC
Oscillator Frequency
5
40
MHz
f
φ
Phase Detector Frequency
10
MHz
Pf
IN
RF Input Sensitivity
2.7V
≤Vcc≤ 3.0V
-15
0
dBm
3.0<Vcc
≤5.0V
-10
0
dBm
V
OSC
Oscillator Sensitivity
0.4
0.8
V
CC-0.3
V
PP
Phase Noise (Note 4)
f
IN = 900 MHz, VOSC ≥ 0.8 VPP
−86
(Note 6)
dBc/Hz
f
IN = 900 MHz, VOSC ≥ 0.4 VPP
−82
f
IN = 1800 MHz, VOSC ≥ 0.8 VPP
−82
f
IN = 1800 MHz, VOSC ≥ 0.4 VPP
−80
CHARGE PUMP
I
CPo-source
Charge Pump Output Current
V
CPo =VP/2
−4.3
mA
I
CPo-sink
V
CPo =VP/2
4.3
mA
I
CPo-Tri
Charge Pump TRI-STATE
Current
0.5
≤ V
CPo ≤ VP - 0.5
−2.5
2.5
nA
I
CPo vs
V
CPo
Charge Pump Output Current
Magnitude Variation vs Voltage
0.5
≤ V
CPo ≤ VP - 0.5
T
A = 25˚C
10
%
I
CPo-sink vs
I
CPo-source
Charge Pump Output Current
Sink vs Source Mismatch
V
CPo =VP/2
T
A = 25˚C
5%
I
CPo vs T
Charge Pump Output Current
Magnitude Variation vs
Temperature
V
CPo =VP/2
8%
DIGITAL INTERFACE (DATA, CLK,LE, CE)
V
OH
High-Level Output Voltage
I
OH = −500 µA
V
CC−0.4
V
V
OL
Low-Level Output Voltage
I
OL = −500 µA
0.4
V
V
IH
High-Level Input Voltage
(Note 5)
0.8Vcc
V
V
IL
Low-Level Input Voltage (Note 5)
0.2Vcc
V
I
IH
High-Level Input Current (Clock,
Data, Load Enable)
V
IH =VCC = 5.5V
−1.0
1.0
µA
I
IL
Low-Level Input Current (Clock,
Data, Load Enable)
V
IL =0,VCC = 5.5V
−1.0
1.0
µA
I
IH
Oscillator Input Current
V
IH =VCC = 5.5V
100
µA
I
IL
Oscillator Input Current
V
IL =0,VCC = 5.5V
−100
µA
www.national.com
3


Similar Part No. - LMX2323

ManufacturerPart #DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX2320 NSC-LMX2320 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2320TM NSC-LMX2320TM Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2320TMX NSC-LMX2320TMX Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2323

ManufacturerPart #DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
[Old version datasheet]   PLLatinum Dual Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2430 NSC-LMX2430 Datasheet
943Kb / 49P
   PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
Texas Instruments
Texas Instruments
LMX2326TM TI1-LMX2326TM Datasheet
548Kb / 19P
[Old version datasheet]   PLLatinum Low Power Frequency Synthesizer for RF Personal Communications
National Semiconductor (TI)
National Semiconductor ...
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com