Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC73701M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC73701M
Description  SERIAL INTERFACE DIALLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC73701M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC73701M Datasheet HTML 3Page - Sanyo Semicon Device LC73701M Datasheet HTML 4Page - Sanyo Semicon Device LC73701M Datasheet HTML 5Page - Sanyo Semicon Device LC73701M Datasheet HTML 6Page - Sanyo Semicon Device LC73701M Datasheet HTML 7Page - Sanyo Semicon Device LC73701M Datasheet HTML 8Page - Sanyo Semicon Device LC73701M Datasheet HTML 9Page - Sanyo Semicon Device LC73701M Datasheet HTML 10Page - Sanyo Semicon Device LC73701M Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
(4) The ON-HOOK and OFF-HOOK commands
These commands allows the DP pin to be controlled arbitrarily. The figure below shows the timing.
A hooking pause is inserted automatically when the OFF-HOOK command is input. The DP pin goes low when an
ON-HOOK command is input. During this low period, inputting pulse dial data will not cause the DP pin to return to
the high level. (Since the LSI performs a redial operation internally, the BUSYOUT pin will go high.) That is, the
low level is held until the next OFF-HOOK command is input.
(5) The redial command
The redial operation re-outputs the dial data in the LC73701M’s internal buffer memory. This buffer memory (redial
memory) can hold up to 32 digits of dialing data. This means that if 33 or more digits of dialing data are input, earlier
data will be overwritten starting with the thirty-third digit. After the following operations, the LC73701M will
perform a redial operation if a redial command is input.
1. When a flash command is input after dialing data has been input
2. When an STOP command is input after dialing data has been input
3. When an ON-HOOK command is input after dialing data has been input
4. When an OFF-HOOK command is input after dialing data has been input
(6) Mode settings
The break/make ratio (BMR) is switched between 33% and 39% by the BMR pin. The BMR pin is initialized after
power is first applied as shown in the table below.
No. 5561-10/11
LC73701M
Settings other than BMR (i.e. DPR, P/T, FLASH, PAUSE, and DPSEL) are switched using mode commands. The
information set by mode setting commands is stored internally by the LSI. Set the desired mode before inputting dial
data. When dial data is written to the buffer memory, the P/T register data is attached to that dial data.
(7) Output pins during dialing and the redial operation
See the table below. The terms ON and OFF in the table below refer to the on or off state of the n-channel open drain
output transistor.
Notes: *2 Turned off during dialing. However, since this command takes priority after an OFF-HOOK command is input, the on state is retained.
*1, 3: Turned off during dialing. However, since this command takes priority after a MUTE-ST command is input, the on state is retained.
*4: Since a hooking pause is inserted automatically, this output goes high during that operation.
BMR PIN
DPSEL
PAUSE
FLASH
P/T
DPR
H (33.3%)
(0) N-CH OD
(0) 4.0 s
(0) 707.0 ms
(1) Pulse
(1) 10 pps
L (39.2%)
(0) N-CH OD
(0) 4.0 s
(0) 707.0 ms
(0) Tone
(1) 10 pps
DP
MUTE1
MUTE, MUTE2
BUSYOUT
Redial memory
Power on
ON (L)
OFF
OFF
L
Readout is illegal
RES pin
ON (L)
*1 OFF
OFF
L
Readout is illegal
STOP command
*2 OFF (H)
*3 OFF
OFF
L
Readout allowed
ON-HOOK command
ON (L)
Retains the previous state
OFF
L
Readout allowed
OFF-HOOK command
OFF (H)
Retains the previous state
OFF
*4
H
Readout allowed
MUTE-ST command
Retains the previous state
ON
OFF
L
Readout allowed
MUTE-END command
Retains the previous state
OFF
OFF
L
Readout allowed


Similar Part No. - LC73701M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC73711 SANYO-LC73711 Datasheet
244Kb / 11P
   Switchable DTMF/Pulse Dialer with Memory
LC73711N SANYO-LC73711N Datasheet
244Kb / 11P
   Switchable DTMF/Pulse Dialer with Memory
LC73720 SANYO-LC73720 Datasheet
284Kb / 12P
   Dialer with Memory?
LC737212 SANYO-LC737212 Datasheet
308Kb / 27P
   Telephone Dialer IC with On-Chip Memory for Push- Button Telephones
LC737212M SANYO-LC737212M Datasheet
308Kb / 27P
   Telephone Dialer IC with On-Chip Memory for Push- Button Telephones
More results

Similar Description - LC73701M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL3726AN INTEGRAL-IL3726AN Datasheet
240Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1062 PHILIPS-TEA1062 Datasheet
211Kb / 28P
   Low voltage transmission circuits with dialler interface
1997 Sep 03
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
KODENSHI_AUK CORP.
KK3726AN KODENSHI-KK3726AN Datasheet
260Kb / 4P
   Universal Speech Circuit with Dialler Interface
logo
System Logic Semiconduc...
SL1062A SLS-SL1062A Datasheet
86Kb / 9P
   Low Voltage Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
logo
List of Unclassifed Man...
SC1062 ETC1-SC1062 Datasheet
742Kb / 15P
   LOW VOLTAGE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com