Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCA-121P2W Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PCA-121P2W
Description  SIGNAL CONDITIONER & CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCA-121P2W Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PCA-121P2W Datasheet HTML 3Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 4Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 5Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 6Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 7Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 8Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 9Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 10Page - List of Unclassifed Manufacturers PCA-121P2W Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PA1001A – 7/02
Page 10 of 11
FOR CURRENT OUTPUT:
Connect a digital milliampmeter or equivalent, across the current output terminals.
On the PCA-121 select the “Coarse Range Adj” that corresponds to the maximum input
frequency. Refer to Table - 1 for selection options.
Adjust “4mA ADJ” control for desired “Zero” current (i.e. 4mA).
Inject the full-scale test frequency while adjusting “20mA ADJ” for current equal to SET (SPAN).
Iterate above steps until no change is observed.
FOR VOLTAGE OUTPUT:
NOTE: For proper adjustment of the voltage-output, First
Perform calibration of the current output.
Connect a digital voltmeter across the voltage output terminals.
On the PCA-121 select the “Coarse Range Adj” that corresponds to the maximum input
frequency. Refer to Table -1 for selection options.
Adjust “VO ADJ” for 0.00 volts).
Inject the test frequency while adjusting “VFS ADJ” for voltage equal to SET (SPAN).
Iterate above steps until no change is observed.
Control and Adjustment Detail for the PCA-121


Similar Part No. - PCA-121P2W

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PCA-1-08-V-3-20 ADAM-TECH-PCA-1-08-V-3-20 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-10-HU-3-50 ADAM-TECH-PCA-1-10-HU-3-50 Datasheet
129Kb / 1P
   ZIF FLEX CIRCUIT CONNECTOR .039 [1.00] &.049 [1.25] CENTERLINE
PCA-1-XX-V-3-20 ADAM-TECH-PCA-1-XX-V-3-20 Datasheet
88Kb / 1P
   909 Rahway Avenue
More results

Similar Description - PCA-121P2W

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
8035555 FESTO-8035555 Datasheet
109Kb / 2P
   Signal conditioner
logo
PHOENIX CONTACT
2810887 PHOENIX-2810887 Datasheet
309Kb / 11P
   Signal conditioner
logo
Festo Corporation.
544217 FESTO-544217 Datasheet
88Kb / 1P
   Signal conditioner
544220 FESTO-544220 Datasheet
88Kb / 1P
   Signal conditioner
8035556 FESTO-8035556 Datasheet
110Kb / 2P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com