Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSB50450 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FSB50450
Description  Smart Power Module (SPM)
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50450 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FSB50450 Datasheet HTML 1Page - Fairchild Semiconductor FSB50450 Datasheet HTML 2Page - Fairchild Semiconductor FSB50450 Datasheet HTML 3Page - Fairchild Semiconductor FSB50450 Datasheet HTML 4Page - Fairchild Semiconductor FSB50450 Datasheet HTML 5Page - Fairchild Semiconductor FSB50450 Datasheet HTML 6Page - Fairchild Semiconductor FSB50450 Datasheet HTML 7Page - Fairchild Semiconductor FSB50450 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.fairchildsemi.com
FSB50450 Rev. B
Pin Descriptions
Note:
Source terminal of each MOSFET is not connected to supply ground or bias voltage ground inside SPM. External connections should be made as indicated in Figure 2 and 5.
Figure 1. Pin Configuration and Internal Block Diagram (Bottom View)
Pin Number
Pin Name
Pin Description
1
COM
IC Common Supply Ground
2VB(U)
Bias Voltage for U Phase High Side FRFET Driving
3VCC(U)
Bias Voltage for U Phase IC and Low Side FRFET Driving
4IN(UH)
Signal Input for U Phase High-side
5IN(UL)
Signal Input for U Phase Low-side
6VS(U)
Bias Voltage Ground for U Phase High Side FRFET Driving
7VB(V)
Bias Voltage for V Phase High Side FRFET Driving
8VCC(V)
Bias Voltage for V Phase IC and Low Side FRFET Driving
9IN(VH)
Signal Input for V Phase High-side
10
IN(VL)
Signal Input for V Phase Low-side
11
VS(V)
Bias Voltage Ground for V Phase High Side FRFET Driving
12
VB(W)
Bias Voltage for W Phase High Side FRFET Driving
13
VCC(W)
Bias Voltage for W Phase IC and Low Side FRFET Driving
14
IN(WH)
Signal Input for W Phase High-side
15
IN(WL)
Signal Input for W Phase Low-side
16
VS(W)
Bias Voltage Ground for W Phase High Side FRFET Driving
17
P
Positive DC–Link Input
18
U
Output for U Phase
19
NU
Negative DC–Link Input for U Phase
20
NV
Negative DC–Link Input for V Phase
21
V
Output for V Phase
22
NW
Negative DC–Link Input for W Phase
23
W
Output for W Phase
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
COM
VCC
LIN
HIN
VB
HO
VS
LO
(1) COM
(2) V
B(U)
(3) V
CC(U)
(4) IN
(UH)
(5) IN
(UL)
(6) V
S(U)
(7) V
B(V)
(8) V
CC(V)
(9) IN
(VH)
(10) IN
(VL)
(11) V
S(V)
(12) V
B(W)
(13) V
CC(W)
(14) IN
(WH)
(15) IN
(WL)
(16) V
S(W)
(17) P
(18) U
(19) N
U
(20) N
V
(21) V
(22) N
W
(23) W


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
FPAL15SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SH60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM20SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPAL20SM60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPAL30SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL10SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SH60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor
FSBM30SM60ASPM Smart Power Module 1 2 3 4 5 MoreFairchild Semiconductor
FPBL15SL60Smart Power Module SPM 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn