Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3020CTS Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MUR3020CTS
Description  30 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Half Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MUR3020CTS Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MUR3020CTS Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MUR3020CTS Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
30.0
5
300
1.3
1.7
0.98
35-50
100
150
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 15.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0 5A IR = 1 0A Irr = 0.25A.
(2) Thermal Resistance junction to terminal.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
MUR3020CTS MUR3040CTS MUR3060CTS
.
.
Pb Free Plating Product
MUR3020CTS/MUR3040CTS/MUR3060CTS
30 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Half Bridge Rectifiers
Pb
Features
Low forward voltage drop
High current capability
Case: Heatsink TO-220AB
High surge current capability
Weight: 2.2 gram approximately
Polarity: As marked on diode body
method 208
Mounting position: Any
Terminals: Solderable per MIL-STD-202
Mechanical Data
Low reverse leakage current
Epoxy: UL 94V-0 rate flame retardant
Application
Automotive Inverters and Solar Inverters
Plating Power Supply,SMPS,Motor Control and UPS
Car Audio Amplifiers and Sound Device Systems
Latest P/G technology with ultra fast recovery time
.196(5.00)
.054(1.39)
.038(0.96)
.419(10.66)
.139(3.55)
MIN
.163(4.16)
.045(1.15)
.019(0.50)
.025(0.65)MAX
.1(2.54)
.1(2.54)
.387(9.85)
TO-220AB/TO-220-3L
Unit : inch (mm)
Positive
Negative
Common Cathode
Case
Case
Case
Common Anode
Suffix "CT"
Case
Series
Tandem Polarity
Suffix "CTA"
Suffix "CTS"
Doubler
Tandem Polarity
Suffix "CTD"
MUR3020CTS thru MUR3060CTS
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 1/2
Rev.08T


Similar Part No. - MUR3020CTS

ManufacturerPart #DatasheetDescription
logo
Kwang Myoung I.S. CO.,L...
MUR3020CT KISEMICONDUCTOR-MUR3020CT Datasheet
2Mb / 2P
   ULTRA FSAT RECTlFIER
logo
Jinan Jing Heng Electro...
MUR3020CT JINGHENG-MUR3020CT Datasheet
60Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
MUR3020CT THINKISEMI-MUR3020CT Datasheet
807Kb / 2P
   30 Ampere Heatsink Common Cathode Fast Recovery Half Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MUR3020CT YFWDIODE-MUR3020CT Datasheet
804Kb / 4P
   ULTRAFST RECOVERY RECTIFIERS
logo
Thinki Semiconductor Co...
MUR3020CT THINKISEMI-MUR3020CT Datasheet
271Kb / 2P
   30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
More results

Similar Description - MUR3020CTS

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR3020ST THINKISEMI-MUR3020ST Datasheet
857Kb / 2P
   30 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Half Bridge Rectifiers
FES30BP THINKISEMI-FES30BP Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Half Bridge Rectifiers
MUR3020PS THINKISEMI-MUR3020PS Datasheet
1Mb / 3P
   30.0 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Half Bridge Rectifiers
ESAD39-02S THINKISEMI-ESAD39-02S Datasheet
703Kb / 2P
   10 Ampere Heatsink Series Connection Ultra Fast Recovery Half Bridge Rectifiers
VF30C20S THINKISEMI-VF30C20S Datasheet
511Kb / 3P
   30 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
UF30C20S THINKISEMI-UF30C20S Datasheet
507Kb / 3P
   30 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
TUR3020CTS THINKISEMI-TUR3020CTS Datasheet
875Kb / 2P
   30 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
U30C20S THINKISEMI-U30C20S Datasheet
875Kb / 2P
   30 Ampere Heatsink Dual Series Connection Ultra Fast Recovery Rectifiers
SF304S THINKISEMI-SF304S Datasheet
737Kb / 2P
   30 Ampere Dual Series Connection Fast Recovery Half Bridge Rectifiers
MUR3020AT THINKISEMI-MUR3020AT Datasheet
857Kb / 2P
   30 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Half Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com