Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS-S29804 Datasheet(PDF) 4 Page - Altera Corporation

Part No. DS-S29804
Description  Stratix II EP2S60 DSP Development Board
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

DS-S29804 Datasheet(HTML) 4 Page - Altera Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
4
Altera Corporation
Preliminary
Stratix II EP2S60 DSP Development Board Data Sheet
Table 1 describes the components on the board and the interfaces it
supports.
Table 1. Stratix II EP2S60 DSP Development Board Components & Interfaces (Part 1 of 2)
Component/
Interface
Type
Board
Designation
Description
Components
Stratix II device
FPGA
U18
EP2S60 Stratix II device
MAX Device
PLD
U10
EPM7256ETC144 device
A/D converters
I/O
U1, U2
Two 12-bit 125-MHz A/D converters
D/A converters
I/O
U14, U15
Two 14-bit 165-MHz D/A converters
1 MByte SRAM
Memory
U43, U44
1 MByte of 10-ns asynchronous SRAM configured as a
32-bit bus.
16 MBytes of flash
memory
Memory
U17
16 Mbytes of flash memory configured as an 8-bit bus.
32 MBytes of
SDRAM
Memory
U39, U40
32 MBytes of SDRAM memory configured as a 64-bit
bus
SMA external clock
input connectors
Input
J10, J11, J12
SMA connectors for inputs of external clock signals,
terminated in 50
Ω.
Dual seven-segment
display
Display
U12, U13
Dual seven-segment display.
Push-button
switches
I/O
SW4, SW5,
SW6, SW7
Four push-button switches, which are user-defined as
logic inputs.
User-defined LEDs
Display
D1 - D8
Eight user-defined LEDs.
Power-on LED
Display
LED7
LED that illuminates when power is supplied to the
board.
CONF_DONE LED
Display
LED5
LED that illuminates upon successful configuration of
the Stratix II device.
RS-232 connector
I/O
J29
DB9 connector, configured as a DTE serial port. The
interface voltages are converted to 3.3-V signals and
brought to the Stratix II device, which must be
configured to generate and accept transmissions.
100-MHz oscillator
Clock
Y1
Socketed on-board 100-MHz oscillator.
Single 16-V DC
power supply
Input
J22 (adapter)
Board adapter for included 16-V DC power supply
Stratix II device Joint
Test Action Group
(JTAG) Connector
I/O
J21
JTAG Connector used to configure the Stratix II device
directly
Configuration
controller JTAG
Connector
I/O
J13
JTAG connector used to configure the configuration
controller


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn