Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS-S29804 Datasheet(PDF) 1 Page - Altera Corporation

Part No. DS-S29804
Description  Stratix II EP2S60 DSP Development Board
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo ALTERA - Altera Corporation

DS-S29804 Datasheet(HTML) 1 Page - Altera Corporation

  DS-S29804 Datasheet HTML 1Page - Altera Corporation DS-S29804 Datasheet HTML 2Page - Altera Corporation DS-S29804 Datasheet HTML 3Page - Altera Corporation DS-S29804 Datasheet HTML 4Page - Altera Corporation DS-S29804 Datasheet HTML 5Page - Altera Corporation DS-S29804 Datasheet HTML 6Page - Altera Corporation DS-S29804 Datasheet HTML 7Page - Altera Corporation DS-S29804 Datasheet HTML 8Page - Altera Corporation DS-S29804 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Altera Corporation
1
October 2004
Preliminary
Data Sheet
Stratix II EP2S60 DSP
Development Board
Features
The Stratix® II EP2S60 DSP development board is included with the DSP
Development Kit, Stratix II Edition (ordering code DSP-DEVKIT-2S60).
This board is a development platform for high-performance digital signal
processing (DSP) designs, and features the Stratix II EP2S60 device in a
1020-pin package.
Components
Analog I/O
Two 12-bit 125-MHz A/D converters
Two 14-bit 165-MHz D/A converters
One 8-bit, 180 megapixels-per-second triple D/A converter for
VGA output
One 96-KHz Stereo Audio coder/decoder (CODEC)
Memory subsystem
1 MByte of 10-ns asynchronous SRAM configured as a 32-bit bus
16 MBytes of flash memory configured as an 8-bit bus
32 MBytes of SDRAM memory configured as a 64-bit bus
CompactFlash connector supporting ATA and IDE access modes
Configuration options
On-board configuration using 16 MBytes of flash memory and
an Altera® EPM7256 MAX® device
Download configuration data using an USB BlasterTM download
cable
Single-ended or differential inputs and outputs accessed via a Mictor
connector
Dual seven-segment display
Four user-defined push-button switches
One female 9-pin RS-232 connector
10/100 Ethernet MAC/PHY
Eight user-defined LEDs
Socketed 100-MHz oscillator
Single 16-V DC power supply (adapter included)
Active heat sink
DS-S29804


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn