Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS-S29804 Datasheet(PDF) 6 Page - Altera Corporation

Part No. DS-S29804
Description  Stratix II EP2S60 DSP Development Board
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo 

DS-S29804 Datasheet(HTML) 6 Page - Altera Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6
Altera Corporation
Preliminary
Stratix II EP2S60 DSP Development Board Data Sheet
Using the Board
When power is applied to the board and SW9 is in the "ON" position, the
Power-on LED (LED7) illuminates. At that time, the MAX device (U10)
programs the Stratix II device (U18) from one of 4 flash memory spaces
reserved for configuration information. If configuration is successful, the
CONF_DONE LED (LED5) illuminates.
1
If the Stratix II device is programmed with a design in one of the
user configuration memory spaces or using the JTAG connector
(J21), both the CONF_DONE LED (LED5) and the USER LED
(LED1) illuminate. For more information, refer to
“Configuration-Status LEDs” on page 18.
To configure the board with a new design, the designer should perform
the following steps, explained in detail in this section.
1.
Apply power to the board.
2.
Re-configure the Stratix II device.
Apply Power
Apply power to the board by connecting the 16-V DC power supply
adapter, provided in the DSP Development Kit, Stratix II edition, to the
on-board power adapter connector (J22), and switching SW9 to the ON
position. All of the board components draw power either directly from
this 16-V supply or from the 3.3-V, 1.2-V, and 5-V regulators that are
powered by the 16-V supply.
1
The 3.3-V supply provides VCCIO to the Stratix II device and all
LVTTL board components. The 1.2-V supply provides VCCINT to
the Stratix II device.
When power is applied to the board, the Power On LED (LED7)
illuminates.
c
The Stratix II EP2S60 device, the A/D and D/A converters, and
power regulator U22 become hot as the board is used. Because
their surface temperature may significantly increase, do not
touch these devices while power is applied to the board
.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn