Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS-S29804 Datasheet(PDF) 5 Page - Altera Corporation

Part No. DS-S29804
Description  Stratix II EP2S60 DSP Development Board
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALTERA [Altera Corporation]
Homepage  http://www.altera.com
Logo ALTERA - Altera Corporation

DS-S29804 Datasheet(HTML) 5 Page - Altera Corporation

  DS-S29804 Datasheet HTML 1Page - Altera Corporation DS-S29804 Datasheet HTML 2Page - Altera Corporation DS-S29804 Datasheet HTML 3Page - Altera Corporation DS-S29804 Datasheet HTML 4Page - Altera Corporation DS-S29804 Datasheet HTML 5Page - Altera Corporation DS-S29804 Datasheet HTML 6Page - Altera Corporation DS-S29804 Datasheet HTML 7Page - Altera Corporation DS-S29804 Datasheet HTML 8Page - Altera Corporation DS-S29804 Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
Altera Corporation
5
Preliminary
General Description
Environmental Requirements
The Stratix II EP2S60 DSP development board must be stored between
–40° C and 100° C. The recommended operating temperature is between
0° C and 55° C.
1
The Stratix II EP2S60 DSP development board can be damaged
without proper anti-static handling.
f
The DSP Development Kit, Stratix II Edition includes a heat sink and fan
combination, also known as an active heat sink. Depending on the
specific requirements of your application, this level of cooling may not
be necessary. Refer to “Install the Active Heat Sink” on page 49 for more
information.
VGA D/A Converter
I/O
U45
One 8-bit, 180 megapixels-per-second triple D/A
converter for VGA output
Audio CODEC
I/O
U5
96-KHz stereo audio CODEC
CompactFlash card
connector
I/O
CON1
CompactFlash card connector
Debugging Interfaces
Mictor connectors
I/O
J20
One Mictor header connected to 33 pins on the Stratix II
device (32 data signals, 1 clock signal) for use with an
external logic analyzer.
Expansion Interfaces
Analog Devices
connector (1)
Expansion
J5, J6
Interface to Analog Device’s A/D converters via two 40-
pin connectors.
TI-EVM connectors
Expansion
J31, J33
Interface to the TI-EVM. (The connectors are on the
reverse side of the board.)
Expansion Prototype
Connectors
Expansion
J23 - J25,
J26 - J28
The board provides two custom interfaces to daughter
cards via 74-pin headers. (These pins can also be used
for general I/O.)
These connectors are referred to on the board as
“Santa Cruz Daughter Card 1“ and “Santa Cruz
Daughter Card 2”
Note to Table 1:
(1)
These headers can be used to interface to Analog Devices A/D converter evaluation boards. They are designated
as J5 and J6, and interface to Analog Devices AD6645/9433/9430 external A/D converters.
Table 1. Stratix II EP2S60 DSP Development Board Components & Interfaces (Part 2 of 2)
Component/
Interface
Type
Board
Designation
Description


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn