Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CX72302 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CX72302
Description  CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CX72302 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CX72302 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX72302 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX72302 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX72302 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX72302 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX72302 Datasheet HTML 9Page - List of Unclassifed Manufacturers CX72302 Datasheet HTML 10Page - List of Unclassifed Manufacturers CX72302 Datasheet HTML 11Page - List of Unclassifed Manufacturers CX72302 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DATA SHEET • CX72302
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
July 22, 2004 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 101216G
To achieve a desired Fvco_aux frequency of 400 MHz using a crystal frequency of 16 MHz. Since the minimum
divide ratio is 32, the reference frequency (Fdiv_ref) must be a maximum of 12.5 MHz. Choosing a reference
frequency divide ratio of 2 provides a reference frequency of 8 MHz. Therefore:
Ninteger
=Fvco_aux
Fdiv_ref
=
400
8
=50
The value to be programmed in the Auxiliary Divider Register is:
Nreg =Ninteger – 32
= 50 – 32
= 18 (decimal)
=
000010010 (binary)
Summary:
· Auxiliary Divide Register = 0 0001 0010
C1416
Figure 5. Integer-N Applications: Sample Calculation
Normal Register Write. A normal 16-bit serial interface write
occurs when CS is 16 clock cycles wide. The corresponding
16-bit modulation data is simultaneously presented to the Data
pin. The content of the Modulation Data Register is passed to the
modulation unit at the next falling edge of the divided main VCO
frequency (Fpd_main).
Short CS Through Data Pin (No Address Bits Required). A
shortened serial interface write occurs when CS is from 2 to 12
clock cycles wide. The corresponding modulation data (2 to 12
bits) is simultaneously presented to the Data pin. The Data pin is
the default pin used to enter modulation data directly in the
Modulation Data Register with shortened CS strobes. This method
of data entry eliminates the register address overhead on the
serial interface. All serial interface bits are re-synchronized
internally at the reference oscillator frequency. The content of the
Modulation Data Register is passed to the modulation unit at the
next falling edge of the divided main VCO frequency (Fpd_main).
Short CS Through Mod_in Pin (No Address Bits Required). A
shortened serial interface write occurs when CS is from 2 to 12
clock cycles wide. The corresponding modulation data (2 to 12
bits) is simultaneously presented to the Mod_in pin. The Mod_in
pin is the alternate pin used to enter modulation data directly into
the Modulation Data Register with shortened CS strobes. This
mode is selected through the Modulation Control Register. This
method of data entry also eliminates the register address
overhead on the serial interface and allows a different device than
the one controlling the channel selection to enter the modulation
data (e.g., a microcontroller for channel selection and a digital
signal processor for modulation data).
All serial interface bits are re-synchronized internally at the
reference oscillator frequency and the content of the Modulation
Data Register is passed to the modulation unit at the next falling
edge of the divided main VCO frequency (Fpd_main).
Modulation data samples in the Modulation Data Register can be
from 2 to 12 bits long, and enable the user to select how many
distinct frequency steps are to be used for the desired modulation
scheme.
The user can also control the frequency deviation through the
modulation data magnitude offset in the Modulation Control
Register. This allows shifting of the modulation data to
accomplish a 2m multiplication of frequency deviation.
NOTE: The programmable range of –0.5 to +0.5 of the main
modulator can be exceeded up to the condition where
the sum of the dividend and the modulation data conform
to:
5625
.
0
)
dividend
N
(
5625
.
0
mod
+
+
When the sum of the dividend and modulation data lie outside this
range, the value of Ninteger must be changed.
For a more detailed description of direct digital modulation
functionality, refer to the Skyworks Application Note, Direct Digital
Modulation Using the CX72300, CX72301, and CX72302 Dual
Synthesizers/PLLs (document number 101349).
Register Descriptions
This section describes the CX72302 registers. All register writes
are programmed address first, followed directly with data. MSBs
are entered first. On power-up, all registers are reset to 0x000
except registers at address 0x0 and 0x3, which are set to 0x006.
Table 1 provides a description for each of the CX72302 device
registers. For more information on register loading, refer to the
Synthesizer Register Programming section in this document.


Similar Part No. - CX72302

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX72301 ETC-CX72301 Datasheet
165Kb / 20P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
CX72301-11 ETC-CX72301-11 Datasheet
165Kb / 20P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
More results

Similar Description - CX72302

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
SKY72302-21 SKYWORKS-SKY72302-21 Datasheet
180Kb / 23P
   SKY72302-21: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72301 ETC-CX72301 Datasheet
165Kb / 20P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72301-22 SKYWORKS-SKY72301-22 Datasheet
168Kb / 21P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
SKY72300-21 SKYWORKS-SKY72300-21 Datasheet
166Kb / 23P
   SKY72300-21: Spur-Free, 2.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
SKY72310 ETC2-SKY72310 Datasheet
210Kb / 19P
   SKY72310: Spur-Free, 2.1 GHz Single Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4158 AD-ADF4158 Datasheet
455Kb / 36P
   Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com