Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CFH2162-P5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CFH2162-P5
Description  2.3 TO 2.5 GHZ 36 DBM POWER GAAS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CFH2162-P5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CFH2162-P5 Datasheet HTML 1Page - List of Unclassifed Manufacturers CFH2162-P5 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - CFH2162-P5

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
1Mb / 4P
   2.3 to 2.5 GHz
CFH2162-P5 MIMIX-CFH2162-P5_09 Datasheet
1Mb / 4P
   2.3 to 2.5 GHz
More results

Similar Description - CFH2162-P5

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CFH2162-P5 MIMIX-CFH2162-P5 Datasheet
540Kb / 3P
   2.3 to 2.5 GHz 36 dBm Power GaAs FET
CFK2062-P5 MIMIX-CFK2062-P5 Datasheet
258Kb / 5P
   2.3 to 2.5 GHz 30 dBm Power GaAs FET
CFK2162-P5 MIMIX-CFK2162-P5 Datasheet
446Kb / 5P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P5 ETC1-CFK2162-P5 Datasheet
64Kb / 4P
   2.3 to 2.5 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFH2162-P3 MIMIX-CFH2162-P3 Datasheet
411Kb / 3P
   1.8 to 2.0 GHz 36 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1_09 Datasheet
239Kb / 2P
   36 dBm Power GaAs FET
CFH2162-P1 MIMIX-CFH2162-P1 Datasheet
412Kb / 3P
   800 to 900 MHz 36 dBm Power GaAs FET
CFK2062-P3 MIMIX-CFK2062-P3 Datasheet
258Kb / 5P
   1.8 to 2.0 GHz 30 dBm Power GaAs FET
logo
List of Unclassifed Man...
CFK2162-P3 ETC1-CFK2162-P3 Datasheet
69Kb / 4P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
logo
Mimix Broadband
CFK2162-P3 MIMIX-CFK2162-P3 Datasheet
264Kb / 5P
   1.8 to 2.0 GHz 34 dBm Power GaAs FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com