Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1837213 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1837213
Description  Closed contour for optimum stability of the plug-in connection
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1837213 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/1837213
09/06/2018   Page 1 / 3
Printed-circuit board connector - CCVA 2,5/21-G P20 THR - 1837213
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 12 A, rated voltage (III/2): 320 V, number of positions: 21, pitch: 5 mm, color:
black, contact surface: Tin, mounting: THR soldering, User information and design recommendations for
through hole reflow technology can be found under “Downloads”
The figure shows a 16-position
version
Why buy this product
 Designed for integration into the SMT soldering process
 Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
 Closed contour for optimum stability of the plug-in connection
Key Commercial Data
Packing unit
50 STK
GTIN
GTIN
4055626023595
Technical data
Dimensions
Length [ l ]
8.57 mm
Width
107.8 mm
Pitch
5 mm
Dimension a
100 mm
Width [ w ]
107.8 mm
Height [ h ]
14 mm
Constructional height
12 mm
Length of the solder pin
2 mm
Pin dimensions
1 x 1 mm
Length
8.57 mm
General


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn