Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8353-EVAL Datasheet(PDF) 8 Page - Analog Devices

Part # AD8353-EVAL
Description  100 MHz-2.7 GHz RF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8353-EVAL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8353-EVAL Datasheet HTML 4Page - Analog Devices AD8353-EVAL Datasheet HTML 5Page - Analog Devices AD8353-EVAL Datasheet HTML 6Page - Analog Devices AD8353-EVAL Datasheet HTML 7Page - Analog Devices AD8353-EVAL Datasheet HTML 8Page - Analog Devices AD8353-EVAL Datasheet HTML 9Page - Analog Devices AD8353-EVAL Datasheet HTML 10Page - Analog Devices AD8353-EVAL Datasheet HTML 11Page - Analog Devices AD8353-EVAL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
AD8353
–8–
FREQUENCY – MHz
500
1000
1500
15
10
5
25
20
0
GAIN AT 5.0V
GAIN AT 4.5V
GAIN AT 5.5V
2000
3000
2500
0
TPC 19. Gain vs. Frequency, VS = 4.5 V, 5 V, and
5.5 V, TA = 25 C
FREQUENCY – MHz
500
1000
1500
2000
2500
–20
–30
–35
3000
0
–10
–40
–15
–25
–5
S12 AT 5V
S12 AT 4.5V
S12 AT 5.5V
0
TPC 20. Reverse Isolation vs. Frequency, VS = 4.5 V,
5 V, and 5.5 V, TA = 25 C
FREQUENCY – MHz
500
1000
1500
2000
2500
5
3
1
3000
10
9
0
7
4
2
6
8
P1 dB AT 5.0V
P1 dB AT 4.5V
P1 dB AT 5.5V
0
TPC 21. P1 dB vs. Frequency, VS = 4.5 V, 5 V,
and 5.5 V, TA = 25 C
FREQUENCY – MHz
500
1000
1500
15
10
5
25
20
0
2000
2500
3000
0
GAIN AT –40 C
GAIN AT +25 C
GAIN AT +85 C
TPC 22. Gain vs. Frequency, VS = 5 V, TA = –40
°C,
+25 C, and +85 C
500
1000
1500
–15
–25
0
–5
2000
–10
–20
–30
S12 AT –40 C
S12 AT +25 C
S12 AT +85 C
2500
3000
0
FREQUENCY – MHz
–35
–40
TPC 23. Reverse Isolation vs. Frequency, VS = 5 V,
TA = –40 C, +25 C, and +85 C
FREQUENCY – MHz
500
1000
1500
2000
2500
10
6
2
3000
12
0
8
4
P1 dB AT –40 C
P1 dB AT +85 C
P1 dB AT +25 C
0
TPC 24. P1 dB vs. Frequency, VS = 5 V, TA = –40 C,
+25 C, and +85 C


Similar Part No. - AD8353-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353-EVAL AD-AD8353-EVAL Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353-EVALZ AD-AD8353-EVALZ Datasheet
345Kb / 16P
   RF Gain Block
More results

Similar Description - AD8353-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com