Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UM61512A Datasheet(PDF) 5 Page - UMC Corporation

Part # UM61512A
Description  64K X 8 BIT HIGH SPEED CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMC [UMC Corporation]
Direct Link  http://www.umc.com
Logo UMC - UMC Corporation

UM61512A Datasheet(HTML) 5 Page - UMC Corporation

  UM61512A Datasheet HTML 1Page - UMC Corporation UM61512A Datasheet HTML 2Page - UMC Corporation UM61512A Datasheet HTML 3Page - UMC Corporation UM61512A Datasheet HTML 4Page - UMC Corporation UM61512A Datasheet HTML 5Page - UMC Corporation UM61512A Datasheet HTML 6Page - UMC Corporation UM61512A Datasheet HTML 7Page - UMC Corporation UM61512A Datasheet HTML 8Page - UMC Corporation UM61512A Datasheet HTML 9Page - UMC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
UM61512A
5
AC Characteristics (continued)
Symbol
Parameter
UM61512A-15
UM61512A-20
UM61512A-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
Write Cycle
tWC
Write Cycle Time
15
20
20
25
25
-
ns
tCW
Chip Enable to End of Write
12
15
15
20
20
-
ns
tAS
Address Setup Time of Write
0
0
0
0
0
-
ns
tAW
Address Valid to End of Write
12
15
15
20
20
-
ns
tWP
Write Pulse Width
9
-
11
-
-
-
ns
tWR
Write Recovery Time
0
-
0
-
-
-
ns
tWHZ
Write to Output in High Z
0
8
0
13
13
13
ns
tDW
Data to Write Time Overlap
7
-
7
-
-
-
ns
tDH
Data Hold from Write Time
0
-
0
-
-
-
ns
tOW
Output Active from End of Write
5
-
5
-
-
-
ns
Notes: tCHZ1, tCHZ2, tOHZ and tWHZ are defined as the time at which the outputs achieve the open circuit condition and are not
referred to output voltage levels.
Timing Waveforms
Read Cycle 1
(1,2,4)
tRC
tOH
tAA
tOH
Address
DOUT


Similar Part No. - UM61512A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM615 ETC1-UM615 Datasheet
25Kb / 2P
   15 Watt DC-DC Converters
More results

Similar Description - UM61512A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A61L6316 AMICC-A61L6316 Datasheet
146Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
A616316 AMICC-A616316 Datasheet
142Kb / 15P
   64K X 16 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L6416_1008 LYONTEK-LY61L6416_1008 Datasheet
283Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416 Datasheet
181Kb / 14P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY61L6416 LYONTEK-LY61L6416_16 Datasheet
814Kb / 16P
   64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416_1008 LYONTEK-LY616416_1008 Datasheet
167Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416 Datasheet
160Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
LY616416 LYONTEK-LY616416_16 Datasheet
681Kb / 13P
   5V 64K X 16 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com