Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE748 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE748
Description  Integrated Circuit TV Sound Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE748 Datasheet(HTML) 2 Page - NTE Electronics

  NTE748 Datasheet HTML 1Page - NTE Electronics NTE748 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (V+ = 12V, TA = +25°C, f = 4.5MHz, Deviation = ±25kHz
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Recovered Audio (Pin2)
VA
f = 4.5MHz, Deviation =
±25kHz, QL = 24, Note 1 0.35 0.50
Vrms
f = 5.5MHz, Deviation =
±50kHz, QL = 30, Note 1
0.80
Vrms
Audio Preamplifier
AVP
Open Loop Gain
25
dB
IF Voltage Gain
AVIF
65
dB
Parallel Input Resistance
Rin
9.0
k
Parallel Input Capacitance
Cin
6.0
pF
Nominal Zener Voltage
VReg
IZ = 5mA
11.6
V
Power Supply Current
ID
IZ = 5mA
31
mA
Power Dissipation
PD
IZ = 5mA
300
375
mW
Note 1. QL is loaded circuit Q.
VCC
Pin Connection Diagram
IF Output
Quadrature Network
1
2
3
4
Bypass
Audio Output
Bypass
IF Input
5
Bypass
6
Bypass
7
GND
14
13
12
11
Test Point
Quadrature Bypass
10 Preamp Output
9 Preamp Input
8
.600 (15.24)
17
14
8
.300
(7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max


Similar Part No. - NTE748

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7480 NTE-NTE7480 Datasheet
104Kb / 1P
   Transistor transistor logic
NTE7482 NTE-NTE7482 Datasheet
104Kb / 1P
   Transistor transistor logic
NTE7483 NTE-NTE7483 Datasheet
104Kb / 1P
   Transistor transistor logic
More results

Similar Description - NTE748

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE807 NTE-NTE807 Datasheet
20Kb / 3P
   Integrated Circuit TV Sound Channel, 1W
NTE826 NTE-NTE826 Datasheet
20Kb / 2P
   Integrated Circuit TV Sound System, 2W
NTE1800 NTE-NTE1800 Datasheet
23Kb / 3P
   Integrated Circuit TV Multiplex Sound Decoder
NTE1236 NTE-NTE1236 Datasheet
80Kb / 3P
   Integrated Circuit TV Sound IF System
NTE742 NTE-NTE742 Datasheet
25Kb / 3P
   Integrated Circuit TV Sound Channel, 2W
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE709 NTE-NTE709 Datasheet
24Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
NTE712 NTE-NTE712 Datasheet
25Kb / 3P
   Integrated Circuit TV/FM Sound IF Detector
logo
Samsung semiconductor
KA2101 SAMSUNG-KA2101 Datasheet
175Kb / 5P
   LINEAR INTEGRATED CIRCUIT(TV SOUND IF AMPLIFIER)
logo
NTE Electronics
NTE708 NTE-NTE708 Datasheet
26Kb / 3P
   Integrated Circuit TV/FM Sound IF Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com