Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVQ11 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. 74LVQ11
Description  TRIPLE 3-INPUT AND GATE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ11 Datasheet(HTML) 3 Page - STMicroelectronics

  74LVQ11 Datasheet HTML 1Page - STMicroelectronics 74LVQ11 Datasheet HTML 2Page - STMicroelectronics 74LVQ11 Datasheet HTML 3Page - STMicroelectronics 74LVQ11 Datasheet HTML 4Page - STMicroelectronics 74LVQ11 Datasheet HTML 5Page - STMicroelectronics 74LVQ11 Datasheet HTML 6Page - STMicroelectronics 74LVQ11 Datasheet HTML 7Page - STMicroelectronics 74LVQ11 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74LVQ11
3/8
DC SPECIFICATIONS
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 75
DYNAMIC SWITCHING CHARACTERISTICS
1) Worst case package.
2) Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V, (n-1) outputs switching and one output at GND.
3) Max number of data inputs (n) switching. (n-1) switching 0V to 3.3V. Inputs under test switching: 3.3V to threshold (VILD), 0V to threshold
(VIHD), f=1MHz.
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
3.0 to
3.6
2.0
2.0
2.0
V
VIL
Low Level Input
Voltage
0.8
0.8
0.8
V
VOH
High Level Output
Voltage
3.0
IO=-50 µA
2.9
2.99
2.9
2.9
V
IO=-12 mA
2.58
2.48
2.48
IO=-24 mA
2.2
2.2
VOL
Low Level Output
Voltage
3.0
IO=50 µA
0.002
0.1
0.1
0.1
V
IO=12 mA
0
0.36
0.44
0.44
IO=24 mA
0.55
0.55
II
Input Leakage
Current
3.6
VI = VCC or GND
± 0.1
± 1
± 1
µA
ICC
Quiescent Supply
Current
3.6
VI = VCC or GND
220
20
µA
IOLD
Dynamic Output
Current (note 1, 2)
3.6
VOLD = 0.8 V max
36
25
mA
IOHD
VOHD = 2 V min
-25
-25
mA
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VOLP
Dynamic Low
Voltage Quiet
Output (note 1, 2)
3.3
CL = 50 pF
0.3
0.8
V
VOLV
-0.8
-0.3
VIHD
Dynamic High
Voltage Input (note
1, 3)
3.3
2
V
VILD
Dynamic Low
Voltage Input (note
1, 3)
3.3
0.8
V


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
54AC11 Triple 3-Input AND Gate 1  2  3  4  5  More National Semiconductor (TI)
74ALS11A Triple 3-Input AND gate 1  2  3  4  5  More NXP Semiconductors
DM74S11 Triple 3-Input AND Gate 1  2  3  Fairchild Semiconductor
M74HC11 TRIPLE 3-INPUT AND GATE 1  2  3  4  5  More STMicroelectronics
TC74VHC11F TRIPLE 3-INPUT AND GATE 1  2  3  4  5  Toshiba Semiconductor
74LCX11 Low Voltage Triple 3-Input AND Gate with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor
SN54LS11 TRIPLE 3-INPUT AND GATE 1  2  Motorola, Inc
54F11DM Triple 3-Input AND Gate 1  2  3  4  5  More National Semiconductor (TI)
IN74HC11A Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn