Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1809694 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1809694
Description  Low temperature rise, thanks to maximum contact force
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809694 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1809694 Datasheet HTML 1Page - PHOENIX CONTACT 1809694 Datasheet HTML 2Page - PHOENIX CONTACT 1809694 Datasheet HTML 3Page - PHOENIX CONTACT 1809694 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1809694
09/06/2018   Page 2 / 4
Printed-circuit board connector - MVSTBR 2,5/ 4-STF-5,08 EX - 1809694
Technical data
General
Rated surge voltage (III/3)
4 kV
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/3)
250 V
Rated voltage (III/2)
320 V
Rated voltage (II/2)
630 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal cross section
2.5 mm²
Maximum load current
12 A
Insulating material
PA
Flammability rating according to UL 94
V0
Internal cylindrical gage
A3
Stripping length
7 mm
Screw thread
M3
Tightening torque, min
0.5 Nm
Tightening torque max
0.6 Nm
Connection data
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve min. 0.25 mm²
Conductor cross section flexible, with ferrule without plastic sleeve max. 2.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve min.
0.25 mm²
Conductor cross section flexible, with ferrule with plastic sleeve max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
12
2 conductors with same cross section, solid min.
0.2 mm²
2 conductors with same cross section, solid max.
1 mm²
2 conductors with same cross section, stranded min.
0.2 mm²
2 conductors with same cross section, stranded max.
1.5 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, min.
0.25 mm²
2 conductors with same cross section, stranded, ferrules without plastic
sleeve, max.
1 mm²
2 conductors with same cross section, stranded, TWIN ferrules with
plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded, TWIN ferrules with
plastic sleeve, max.
1.5 mm²
Standards and Regulations


Similar Part No. - 1809694

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809695 PHOENIX-1809695 Datasheet
151Kb / 5P
   MSTB 2,5/21-G-5,08
More results

Similar Description - 1809694

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2702491 PHOENIX-2702491 Datasheet
68Kb / 3P
   Space saving, thanks to the low height
logo
Systemsensor advanced i...
5251RP SYSTEMSENSOR-5251RP Datasheet
41Kb / 4P
   Rate-of-Rise Temperature Sensor
logo
ALPS ELECTRIC CO.,LTD.
SKPR ALPS-SKPR Datasheet
935Kb / 3P
   High Operation Force, Low Contact Resistance (Surface Mount Type)
logo
Mill-Max Mfg. Corp.
0295-0-15-01-06-27-10-0 MILL-MAX-0295-0-15-01-06-27-10-0 Datasheet
207Kb / 1P
   CONTACT DATA Insertion / Extraction Force Graphs
logo
PHOENIX CONTACT
1422846 PHOENIX-1422846 Datasheet
94Kb / 4P
   Extremely compact, thanks to the small wiring space and high contact density
logo
Tyco Electronics
1648325-1 MACOM-1648325-1 Datasheet
39Kb / 1P
   CONTACT, SOCKET, SIZE NO. 20 CRIMP STYLE, LOW INSERTION FORCE
logo
PHOENIX CONTACT
1422849 PHOENIX-1422849 Datasheet
97Kb / 4P
   Extremely compact, thanks to the small wiring space and high contact density
logo
Murata Manufacturing Co...
LQW15AN9N7H0Z MURATA-LQW15AN9N7H0Z Datasheet
76Kb / 2P
   Rated current (Itemp) (Based on Temperature rise)
logo
Sensortechnics GmbH
FSS1500NST SENSORTECHNICS-FSS1500NST Datasheet
90Kb / 3P
   Low profile force sensor
logo
Honeywell Solid State E...
FSS-SMT HONEYWELL-FSS-SMT_13 Datasheet
362Kb / 4P
   Low Profile Force Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com