Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74LVC3GU04 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74LVC3GU04
Description  TRIPLE INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LVC3GU04 Datasheet(HTML) 1 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.
General description
The 74LVC3GU04 is a high-performance, low-power, low-voltage, Si-gate CMOS device
superior to most advanced CMOS compatible TTL families.
Input can be driven from either 3.3 V or 5 V devices. These features allow the use of these
devices in a mixed 3.3 V and 5 V environment.
The 74LVC3GU04 provides three inverters. Each inverter is a single stage with unbuffered
output.
2.
Features
s Wide supply voltage range from 1.65 V to 5.5 V
s 5 V tolerant input/output for interfacing with 5 V logic
s High noise immunity
s Complies with JEDEC standard:
x JESD8-7 (1.65 V to 1.95 V)
x JESD8-5 (2.3 V to 2.7 V)
x JESD8-B/JESD36 (2.7 V to 3.6 V).
s ESD protection:
x HBM EIA/JESD22-A114-B exceeds 2000 V
x MM EIA/JESD22-A115-A exceeds 200 V.
s
±24 mA output drive at V
CC = 3.0 V
s CMOS low power consumption
s Latch-up performance exceeds 250 mA
s Multiple package options
s Specified from
−40 °Cto+85 °C and from −40 °C to +125 °C.
74LVC3GU04
Triple inverter
Rev. 03 — 01 February 2005
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn