Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74LVC3GU04 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74LVC3GU04
Description  TRIPLE INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LVC3GU04 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
9397 750 14546
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
4 of 16
Philips Semiconductors
74LVC3GU04
Triple inverter
7.2 Pin description
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level.
9.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
Table 4:
Pin description
Symbol
Pin
Description
1A
1
data input
3Y
2
data output
2A
3
data input
GND
4
ground (0 V)
2Y
5
data output
3A
6
data input
1Y
7
data output
VCC
8
supply voltage
Table 5:
Function table [1]
Input nA
Output nY
LH
HL
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
GND (ground=0V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5 +6.5
V
VI
input voltage
[1]
−0.5 +6.5
V
VO
output voltage
active mode
[1]
−0.5 VCC + 0.5 V
IIK
input diode current
VI <0 V
-
−50
mA
IOK
output diode current
VO >VCC or VO <0 V
-
±50
mA
IO
output source or sink
current
VO =0 VtoVCC
-
±50
mA
ICC, IGND VCC or GND current
-
±100
mA
Tstg
storage temperature
−65
+150
°C
Ptot
power dissipation
Tamb = −40 °C to +125 °C
-
300
mW


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn