Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMM5301 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PMM5301
Description  HIC for 5-Phase Stepping Motor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PMM5301 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PMM5301 Datasheet HTML 1Page - List of Unclassifed Manufacturers PMM5301 Datasheet HTML 2Page - List of Unclassifed Manufacturers PMM5301 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
8.5
2.9
+0.2
0.4 -0.05
2
(11)
70
78
24
×2=48
+0.2
0.5 -0.05
25
1
PMM5303
+0.2
2-ø3.6 -0.1
2.9
2.9
64
8.5
+0.20
0.4 -0.05
2
+0.20
0.5 -0.05
24
×2=48
25
1
PMM5301
344
Item
Symbol
Condition
Rating
Unit
Min.
Standard
Max.
Oscillation frequency
FC
—20
25
30
kHz
"H" level input voltage
VIH
NA-NE terminals
2.0
V
"L" level input voltage
VIL
NA-NE terminals
0.8
"H" level input voltage
VIH
PA-PE terminals
3.5
V
"L" level input voltage
VIL
PA-PE terminals
1.5
Input current
II
PA-PE terminals
——
±1
µA
VIN=VCC2 or GND
"H" level input current
IOH
NA-NE terminals
——
20
µA
VIN=2.7V
"L" level input current
IOL
NA-NE terminals
——
-0.4
mA
VIN=0.4V
VCC2 current consumption
ICCO2
5 pin terminal
—23
45
mA
VCC3 current consumption
ICCO3
6 pin terminal
15
25
mA
Dimensions (Unit: mm)
Electrical characteristics (Tc = 25˚C, VCC1 = 24V, VCC2 = 5V, VCC3 = 12V)
Pin No.
Code
Functions
1
OCRF
Set input for motor current
2.
RS2
Detecting terminal for motor current
3.
GND
0V
4.
RS3
0V
5.
VCC2
5V system power
6.
VCC3
12V system power
7.
NA
Lower arm drive input
8.
ND
Lower arm drive input
9.
NE
Lower arm drive input
10.
NC
Lower arm drive input
11.
NB
Lower arm drive input
12.
RS1
Input voltage applied to motor
13.
AO
Motor output
14.
BO
Motor output
15.
CO
Motor output
16.
DO
Motor output
17.
EO
Motor output
18.
VM
Input voltage applied to motor
19.
PC
Upper arm drive input
20.
PA
Upper arm drive input
21.
PB
Upper arm drive input
22.
PD
Upper arm drive input
23.
PE
Upper arm drive input
24.
VCCO
Output terminal for power source
25.
VCC1
Power system input
PMM5301
PMM5303


Similar Part No. - PMM5301

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
PMM SCHURTER-PMM Datasheet
412Kb / 3P
   IEC Appliance Inlet C14 with Appliance Outlet F, Line Switch 2-pole and Voltage Selector
logo
Advantech Co., Ltd.
PMM-0000-AD0000E ADVANTECH-PMM-0000-AD0000E Datasheet
2Mb / 2P
   Packetarium XLe Ultra High Performance Blade Server with 100G Switched Midplane
8-Jun-2016
PMM-2400 ADVANTECH-PMM-2400 Datasheet
2Mb / 2P
   Packetarium XLe Ultra High Performance Blade Server with 100G Switched Midplane
8-Jun-2016
PMM-3200 ADVANTECH-PMM-3200 Datasheet
2Mb / 2P
   Packetarium XLe Ultra High Performance Blade Server with 100G Switched Midplane
8-Jun-2016
PMM-3201 ADVANTECH-PMM-3201 Datasheet
2Mb / 2P
   Packetarium XLe Ultra High Performance Blade Server with 100G Switched Midplane
8-Jun-2016
More results

Similar Description - PMM5301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMM2301 ETC1-PMM2301 Datasheet
330Kb / 3P
   HIC for 2-Phase Stepping Motor
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com