Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RE23-SA64 Datasheet(PDF) 2 Page - SICK AG

Part No. RE23-SA64
Description  NON-CONTACT SAFETY SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SICK [SICK AG]
Homepage  http://www.sick.com/
Logo 

RE23-SA64 Datasheet(HTML) 2 Page - SICK AG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RE23-SA64 | RE2
NON-CONTACT SAFETY SWITCHES
Ordering information
Type
Part no.
RE23-SA64
1062542
Other models and accessories
www.sick.com/RE2
Detailed technical data
Features
System part
Sensor and actuator
Sensor principle
Magnetic
Number of N/O contacts
2
Number of N/C contacts
0
Number of signaling contacts
0
Safe switch on distance Sao
9 mm
Safe switch off distance Sar
22 mm
Active sensor surfaces
1
Actuation directions
3
Safety-related parameters
B10d parameter
2 x 107 switching cycles (with small load)
Type
Type 4 (EN ISO 14119)
Actuator coding level
Low coding level (EN ISO 14119)
Safe state in the event of a fault
The switch has no internal fault detection and is unable to assume a safe state in the event of
a fault. Fault detection is performed by the connected safety-related logic unit.
Interfaces
Connection type
Cable with M12 male connector, 4-pin
Flexi-Loop-ready
Length of cable 0.2 m
Cable material PVC
Electrical data
Type of output
Reed contacts
Switching voltage
≤ 30 V DC
Switching current
≤ 100 mA
Mechanical data
Design
Rectangular
Dimensions (W x H x D)
25 mm x 88 mm x 13 mm
Weight
0.1 kg
2
SAFETY SWITCHES | SICK
Online data sheet | 2018-09-04 09:43:29
Subject to change without notice


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn