Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PXLA3010 Datasheet(PDF) 2 Page - celduc-relais

Part No. PXLA3010
Description  MAGNETIC PROXIMITY SENSOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

PXLA3010 Datasheet(HTML) 2 Page - celduc-relais

  PXLA3010 Datasheet HTML 1Page - celduc-relais PXLA3010 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
P/STD/PXLA3010/A/03/07/2015
page 2 / 2 F/GB
CARACTERISTIQUES PHYSIQUES / PHYSICAL DATA
Température maxi d'utilisation / Max. operating temperature
- 25 à + 85°C
Température de stockage / Storage temperature
- 40 à + 85°C
( température donnée hors câble / given temperature cable excepted )
Chocs ( 11 ms ) / Shocks ( 11 ms )
50 g
Vibrations ( à 1000 Hz ) / Vibrations
35 g
Durée de vie mécanique / Mecanical life expectancy
109
Indice de protection / Protection level
IP67
AUTRES CARACTERISTIQUES / OTHERS
Câble / Cable
H03VVF NOIR Ø5,4 ( Bleu/Marron - BU/BN )
2 x 0,5 mm2
Pour d'autres longueurs ou types , nous consulter / For other lengthes or typical wires, please contact us
Détection / Detection
Commande par aimant / Ordered by magnet
UF201004
Fonctionnement inverse si aimant retourné
Reverse operation if returned magnet
Dans environnement non magnétique (bois, alu, PVC, béton, ...)
In non-magnetic environnement (wood, Al, PVC, concrete, ...)
Pour d'autres utilisations ou types, nous consulter / For others, please contact us
r
e
l
a
i
s
www.celduc.com
celduc
â
5 Rue Ampère B.P. 30004
42290 SORBIERS - FRANCE
E-Mail : celduc-relais@celduc.com
Fax +33 (0) 4 77 53 85 51
Service Commercial France Tél. : +33 (0) 4 77 53 90 20
Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21
Sales Dept. Asia : Tél. +33 (0) 4 77 53 90 19
Fermé/ Closed
Ouvert/ Opened
d
d = espacement aimant/capteur
d = spacing between magnet/sensor
dMIN = 3mm
dMAX = 18mm
Face peinte blanche
White painted face


Similar Part No. - PXLA3010

ManufacturerPart No.DatasheetDescription
Intel Corporation
Intel Corporation
PXLA8591LR INTEL-PXLA8591LR Datasheet
550Kb / 2P
   Industry-leading 10 Gigabit Single-mode Fiber Server Connection
PXLA8591SR INTEL-PXLA8591SR Datasheet
550Kb / 2P
   Industry-leading 10 Gigabit Multi-mode Fiber Server Connection
More results

Similar Description - PXLA3010

ManufacturerPart No.DatasheetDescription
celduc-relais
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
   MAGNETIC PROXIMITY SENSOR
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PLA12435U CELDUC-PLA12435U Datasheet
320Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PLC12425U CELDUC-PLC12425U Datasheet
319Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PLMA0100 CELDUC-PLMA0100 Datasheet
324Kb / 2P
   MAGNETIC PROXIMITY SENSOR
PSC42000 CELDUC-PSC42000 Datasheet
328Kb / 2P
   MAGNETIC PROXIMITY SENSOR
Omron Electronics LLC
Omron Electronics LLC
GLS OMRON-GLS Datasheet
62Kb / 3P
   Magnetic Proximity Sensor
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz