Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M57716L Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M57716L
Description  360-380MHz, 12.5V, 13W, DIGITAL MOBILE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M57716L Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M57716L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M57716L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
360-380MHz, 12.5V, 13W, DIGITAL MOBILE RADIO
M57716L
MITSUBISHI RF POWER MODULE
Nov. ´97
PIN:
Pin
: RF INPUT
VBB : BASE BIAS SUPPLY
VCC1: 1st. DC SUPPLY
VCC2: 2nd. DC SUPPLY
PO
: RF OUTPUT
GND: FIN
BLOCK DIAGRAM
1
2
3
4
5
6
Symbol
Parameter
Test conditions
Limits
Min
Max
Unit
f
PO
ηT
2fO
ρin
-
Frequency range
Output power
Total efficiency
2nd. harmonic
Input VSWR
3rd. internal modulation
Stability
VCC=14.4V, VBB=9V, PO=10W(Pin:controlled)
ZG=50
Ω, Load VSWR=8:1 (All phase)
Pin=0-300mW, VCC=10.8-13.2V, VBB=9V,
PO
≤ 20W ρI ≤ 3.0 (All phase), ZG=50Ω
360
380
15
-30
-25
No degradation or
destory
MHz
W
%
dBc
-
Note. Above parameters, ratings, limits and test conditions are subject to change.
Note 1. Stability is tested by sampling test (10pcs/Lot)
ELECTRICAL CHARACTERISTICS (Tc=25
°C unless otherwise noted)
Symbol
Parameter
Conditions
Ratings
Unit
ABSOLUTE MAXIMUM RATINGS (Tc=25
°C unless otherwise noted)
Note. Above parameters are guaranteed independently.
V
VBB
9.5
VCC
Supply voltage
A
6
ICC
Total current
mW
300
Pin (max)
Input power
W
20
PO (max)
Output power
°C
-30 to +110
TC (OP)
Operation case temperature
°C
-40 to +110
Tstg
Strage temperature
ZG=ZL=50
ZG=ZL=50
IMD3
dBc
Bias voltage
ZG=ZL=50
Ω, VBB=9V
ZG=ZL=50
Ω, VCC≤12.5V
17
V
5
6
4
2
3
1
Load VSWR tolerance
-
ZG=ZL=50
Ω, VCC≤12.5V, VBB=9V
ZG=ZL=50
Ω, VCC≤12.5V, VBB=9V
VCC=12.5V, VBB=9V,
PO=4W (Pin:controlled) ZG=ZL=50
VCC=12.5V, VBB=9V, PO (AVE)=4W,
(Pin:controlled) 2tone,
∆f=2kHz, ZG=ZL=50Ω
Gp
Power gain
Pin=10dBm, VCC=12.5V, VBB=9V, ZG=ZL=50
Pin=200mW,VCC=12.5V,VBB=9V, ZG=ZL=50
3fO
3rd. harmonic
Pin=200mW, VCC=12.5, VBB=9V, ZG=ZL=50
No parastic oscillation
Note 1
dB
27
-30
dBc
-
2.5
13
OUTLINE DRAWING
66±0.5
60±0.5
51.5±0.5
2-R2±0.5
H3
Dimensions in mm
1
2
3
4
5
6
7.25±0.8
3±0.3
16.5±1
33.0±1
12±1
43.5±1
55.5±1
φ 0.45±0.15


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M57747 144-148MHz 12.5V 13W FM MOBILE RADIO 1  2  3  Mitsubishi Electric Semiconductor
M67766C 806-825MHz 12.5V 16W DIGITAL MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
M68749 380-400MHz 12.5V 5W DIGITAL MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
M57752 430-450MHz 12.5V 13W FM MOBILE RADIO 1  2  Mitsubishi Electric Semiconductor
M67769A 890-915MHz 12.5V 13W FM MOBILE RADIO 1  Mitsubishi Electric Semiconductor
M57704EL 335-360MHz 12.5V 13W FM MOBILE RADIO 1  Mitsubishi Electric Semiconductor
M67769C 889-915MHz 12.5V 13W FM MOBILE RADIO 1  2  3  Mitsubishi Electric Semiconductor
RA13H4047M MITSUBISHI RF MOSFET MODULE 400-470MHz 13W 12.5V 2 Stage Amp. For MOBILE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor
RA13H8891MB RoHS Compliance 880-915MHz 13W 12.5V 3 Stage Amp. For MOBILE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor
RA13H3340M 330-400MHz 13W 12.5V MOBILE RADIO 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn