Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1422846 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1422846
Description  Extremely compact, thanks to the small wiring space and high contact density
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1422846 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1422846 Datasheet HTML 1Page - PHOENIX CONTACT 1422846 Datasheet HTML 2Page - PHOENIX CONTACT 1422846 Datasheet HTML 3Page - PHOENIX CONTACT 1422846 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1422846
09/06/2018   Page 1 / 4
Connector - SACC-M12MSD-4CT-CM SH PN - 1422846
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Connector, PROFINET CAT5 (100 Mbps), 4-position, shielded, Plug straight M12, D-coded, Crimp
connection, knurl material: Zinc die-cast, nickel-plated, external cable diameter 4.5 mm ... 7.5 mm, without
crimp contacts
Why buy this product
 Extremely compact, thanks to the small wiring space and high contact density
 Safe use in the field, thanks to a high degree of protection
 Flexible: connectors for on-site assembly
 Suitable for railway applications, thanks to vibration-proof connection technology
 Reliable signal transmission - 360° shielding in environments with electromagnetic interference
 Easy and reliable overall shielding braid
 Automated processing possible
 Protected seal in the M12 socket
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626357737
Technical data
Dimensions
Wrench size, union nut
15 mm
Diameter housing
16 mm
Length
43 mm
External cable diameter
4.5 mm ... 7.5 mm
Stripping length of the sheath
18 mm
Stripping length of the individual wire
4 mm +0,5 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 85 °C (Plug / socket)


Similar Part No. - 1422846

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1422844 PHOENIX-1422844 Datasheet
158Kb / 8P
   Data connector - SACC-M12MSX-8CT-CL SH
09/12/2020
1422845 PHOENIX-1422845 Datasheet
495Kb / 15P
   SACC-M12MRX-8CT-CL SH - Data connector
1422848 PHOENIX-1422848 Datasheet
535Kb / 17P
   SACC-M12FSD-4CT-CM SH PN - Data connector
1422849 PHOENIX-1422849 Datasheet
97Kb / 4P
   Extremely compact, thanks to the small wiring space and high contact density
More results

Similar Description - 1422846

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1422849 PHOENIX-1422849 Datasheet
97Kb / 4P
   Extremely compact, thanks to the small wiring space and high contact density
2702480 PHOENIX-2702480 Datasheet
70Kb / 4P
   Space saving, thanks to the small diameter
2702491 PHOENIX-2702491 Datasheet
68Kb / 3P
   Space saving, thanks to the low height
3212200 PHOENIX-3212200 Datasheet
82Kb / 5P
   The compact design and front connection enable wiring in a confined space
1037089 PHOENIX-1037089 Datasheet
80Kb / 4P
   The compact design and front connection enable wiring in a confined space
3969916 PHOENIX-3969916 Datasheet
97Kb / 6P
   Space saving, thanks to compact, modular test terminal strips
3069975 PHOENIX-3069975 Datasheet
59Kb / 3P
   Space saving, thanks to offset test socket arrangement
3069968 PHOENIX-3069968 Datasheet
71Kb / 4P
   Space saving, thanks to offset test socket arrangement
logo
WALSIN TECHNOLOGY CORPO...
FT21B105M160CT WALSIN-FT21B105M160CT Datasheet
2Mb / 8P
   High density mounting due to mounting space saving
logo
STMicroelectronics
AN3106 STMICROELECTRONICS-AN3106 Datasheet
1Mb / 34P
   The use and growing popularity of LEDS, thanks to their high efficiency
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com