Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1414897 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 1414897
Description  Easy and safe: 100% electrically tested plug-in components
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1414897 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1414897
09/06/2018   Page 2 / 4
Power cable - SAC-5P-M12MSL/10,0-500 FE - 1414897
Technical data
General
Insulation resistance
≥ 100 MΩ
Coding
L - Power
Standards/regulations
M12 connector IEC 61076-2-111
Status display
No
Protective circuit/component
Unwired
Overvoltage category
III
Degree of pollution
3
Insertion/withdrawal cycles
≥ 100
Torque
0.4 Nm (M12 connector)
Material
Flammability rating according to UL 94
V0
Contact material
CuSn
Contact surface material
Ni/Au
Contact carrier material
PA
Material of grip body
PA
Material, knurls
Zinc die-cast, nickel-plated
Standards and Regulations
Standard designation
M12 connector
Standards/regulations
IEC 61076-2-111
Flammability rating according to UL 94
V0
Cable
Cable type
PVC
Cable type (abbreviation)
500
UL AWM style
20233 / 10493 (80°C/300 V)
Conductor cross section
5x 2.5 mm²
AWG power supply
14
Conductor structure, voltage supply
141x 0.15 mm
Core diameter including insulation
3 mm ±0.1 mm
Thickness, insulation
≥ 0.36 mm
Wire colors
Brown, white, blue, black, gray
External sheath, color
gray RAL 7001
Outer sheath thickness
approx. 0.76 mm
External cable diameter D
10.1 mm ±0,3 mm
Minimum bending radius, fixed installation
5 x D
Minimum bending radius, flexible installation
10 x D
Number of bending cycles
2000000
Minimum bending radius, drag chain applications
10 x D
Traversing path
10 m
Traversing rate
3 m/s


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn