Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1414897 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 1414897
Description  Easy and safe: 100% electrically tested plug-in components
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

1414897 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1414897
09/06/2018   Page 1 / 4
Power cable - SAC-5P-M12MSL/10,0-500 FE - 1414897
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Power cable, 5-position, PVC, gray RAL 7001, Plug straight M12, L-coded, on free cable end, cable length: 10
m, for direct current up to 16 A/63 V
Why buy this product
 Easy and safe: 100% electrically tested plug-in components
 High-performance: DC connectors for up to 16 A and 63 V DC
 
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626035277
Technical data
Dimensions
Length of cable
10 m
Ambient conditions
Ambient temperature (operation)
-25 °C ... 85 °C (Plug / socket)
Degree of protection
IP65
IP67
IP68
General
Rated current at 40°C
16 A
Rated voltage
63 V (DC)
63 V DC
Number of positions
5
Color handle area
black


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn