Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1414897 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 1414897
Description  Easy and safe: 100% electrically tested plug-in components
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1414897 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1414897 Datasheet HTML 1Page - PHOENIX CONTACT 1414897 Datasheet HTML 2Page - PHOENIX CONTACT 1414897 Datasheet HTML 3Page - PHOENIX CONTACT 1414897 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/1414897
09/06/2018   Page 3 / 4
Power cable - SAC-5P-M12MSL/10,0-500 FE - 1414897
Technical data
Cable
Acceleration
10 m/s²
Cable weight
205 kg/km
Outer sheath, material
PVC
Material conductor insulation
PVC
Conductor material
Bare Cu litz wires
Insulation resistance
≥ 100 MΩ*km (at 20 °C)
Conductor resistance
≤ 8 Ω/km (at 20 °C)
Nominal voltage, cable
≤ 300 V AC
Test voltage, cable
≥ 3000 V AC (Spark test)
Flame resistance
According to UL 758/1581 (Cable Flame)
according to UL 758/1581 FT1
According to DIN EN 60332-1-2
Resistance to oil
According to DIN EN 60811-404, 168 h at 60 °C
Ambient temperature (operation)
-40 °C ... 80 °C (cable, fixed installation)
-20 °C ... 80 °C (cable, flexible installation)
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Schematic diagram
FE
1
2
3
4
Pin assignment of M12 connector, 5-pos., L-coded, pin side view
Cable cross section
PVC [500]
Diagram
0
10
20
30
40
50
60
70
80
90
100 110
0
5
10
15
20
25
30
Ambient temperature [°C]
= Socket
= Plug
Dimensional drawing
Plug, M12 x 1, straight, shielded


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn