Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS1E320GN Datasheet(PDF) 3 Page - Rohm

Part No. RS1E320GN
Description  Nch 30V 80A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RS1E320GN Datasheet(HTML) 3 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RS1E320GN
           
               
Datasheet
l
lElectrical characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Input capacitance
Ciss
VGS = 0V
-
2850
-
pF
Output capacitance
Coss
VDS = 15V
-
740
-
Reverse transfer capacitance
Crss
f = 1MHz
-
210
-
Turn - on delay time
td(on)*5
VDD 15V,VGS = 10V
-
21.8
-
ns
Rise time
tr*5
ID = 16A
-
15.6
-
Turn - off delay time
td(off)*5
RL 0.93Ω
-
74.6
-
Fall time
tf*5
RG = 10Ω
-
28.5
-
l
lGate charge characteristics (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Total gate charge
Qg*5
VDD 15V
ID = 32A
VGS = 10V
-
42.8
-
nC
VGS = 4.5V
-
19.6
-
Gate - Source charge
Qgs*5
-
11.6
-
Gate - Drain charge
Qgd*5
-
6.7
-
l
lBody diode electrical characteristics (Source-Drain) (Ta = 25°C)
Parameter
Symbol
Conditions
Values
Unit
Min.
Typ.
Max.
Continuous forward current
IS
Ta = 25
-
-
2.5
A
Pulse forward current
ISP*2
-
-
128
A
Forward voltage
VSD*5
VGS = 0V, IS = 2.5A
-
-
1.2
V
Reverse recovery time
trr*5
IS = 32A, VGS=0V
di/dt = 100A/μs
-
37.8
-
ns
Reverse recovery charge
Qrr*5
-
35.2
-
nC
                                                   
 
                                     
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
3/10
20160517 - Rev.003


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn