Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RS1E320GN Datasheet(PDF) 1 Page - Rohm

Part No. RS1E320GN
Description  Nch 30V 80A Power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

RS1E320GN Datasheet(HTML) 1 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
RS1E320GN
  Nch 30V 80A Power MOSFET
  
Datasheet
l
lOutline
VDSS
30V
 
RDS(on)(Max.)
1.9mΩ
ID
±80A
HSOP8
PD
34W
 
           
l
lInner circuit
l
lFeatures
1) Low on - resistance.
2) High power package (HSOP8).
3) Pb-free lead plating ; RoHS compliant
4) Halogen free
5) 100% Rg and UIS tested.
l
lPackaging specifications
Type
Packing
Embossed
Tape
Reel size (mm)
330
l
lApplication
Tape width (mm)
12
Switching
Basic ordering unit (pcs)
2500
Taping code
TB
Marking
RS1E320GN
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified)
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
30
V
Continuous drain current
Tc = 25°C
ID*1
±80
A
Ta = 25°C
ID
±32
A
Pulsed drain current
IDP*2
±128
A
Gate - Source voltage
VGSS
±20
V
Avalanche current, single pulse
IAS*3
32
A
Avalanche energy, single pulse
EAS*3
77
mJ
Power dissipation
PD*1
34
W
PD*4
3.0
W
Junction temperature
Tj
150
Operating junction and storage temperature range
Tstg
-55 to +150
                                                                                         
www.rohm.com
© 2016 ROHM Co., Ltd. All rights reserved.
1/10
20160517 - Rev.003
 
   
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn