Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB7L72M Datasheet(PDF) 7 Page - ON Semiconductor

Part No. NB7L72M
Description  Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB7L72M Datasheet(HTML) 7 Page - ON Semiconductor

  NB7L72M_17 Datasheet HTML 1Page - ON Semiconductor NB7L72M_17 Datasheet HTML 2Page - ON Semiconductor NB7L72M_17 Datasheet HTML 3Page - ON Semiconductor NB7L72M_17 Datasheet HTML 4Page - ON Semiconductor NB7L72M_17 Datasheet HTML 5Page - ON Semiconductor NB7L72M_17 Datasheet HTML 6Page - ON Semiconductor NB7L72M_17 Datasheet HTML 7Page - ON Semiconductor NB7L72M_17 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NB7L72M
www.onsemi.com
7
Driver
Device
Receiver
Device
QD
Figure 12. Typical Termination for CML Output Driver and Device Evaluation
Q
D
VCC
50
W
50
W
Z = 50
W
Z = 50
W
DUT
LVPECL
Driver
VCC
GND
ZO = 50 W
VT = VCC − 2 V
ZO = 50 W
NB7L72M
IN
50
W
50
W
IN
GND
Figure 13. LVPECL Interface
LVDS
Driver
VCC
GND
ZO = 50 W
VT = Open
ZO = 50 W
NB7L72M
IN
50
W
50
W
IN
GND
Figure 14. LVDS Interface
VCC
VCC
CML
Driver
VCC
GND
ZO = 50 W
VT = VCC
ZO = 50 W
NB7L72M
IN
50
W
50
W
IN
GND
VCC
Figure 15. Standard 50
W Load CML Interface
Differential
Driver
VCC
GND
ZO = 50 W
VT = VREFAC*
ZO = 50 W
NB7L72M
IN
50
W
50
W
IN
GND
VCC
Figure 16. Capacitor−Coupled
Differential Interface
(VT Connected to External VREFAC)
*VREFAC bypassed to ground with a 0.01 mF capacitor
ORDERING INFORMATION
Device
Package
Shipping
NB7L72MMNG
QFN16
(Pb−free)
123 Units / Rail
NB7L72MMNTXG
QFN16
(Pb−free)
3000 / Tape & Reel
NB7L72MMNHTBG
QFN16
(Pb−free)
100 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - NB7L72M_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NB7L72M ONSEMI-NB7L72M_13 Datasheet
134Kb / 8P
   Multi?묹evel Inputs w/ Internal Termination
April, 2013 ??Rev. 3
More results

Similar Description - NB7L72M_17

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB6L72M ONSEMI-NB6L72M Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
December, 2006 ??Rev. 0
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB4N840MMNEVB ONSEMI-NB4N840MMNEVB Datasheet
107Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2014 ??Rev. 5
NB4N840M ONSEMI-NB4N840M Datasheet
104Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
August, 2006 ??Rev. 2
NB4N840M ONSEMI-NB4N840M_07 Datasheet
99Kb / 9P
   3.3V 3.2Gb/s Dual Differential Clock/Data 2 x 2 Crosspoint Switch with CML Output and Internal Termination
March, 2007 ??Rev. 3
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz