Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2989721 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2989721
Description  Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and one 10/100 Mbps FX-ST multi-mode port
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989721 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2989721 Datasheet HTML 1Page - PHOENIX CONTACT 2989721 Datasheet HTML 2Page - PHOENIX CONTACT 2989721 Datasheet HTML 3Page - PHOENIX CONTACT 2989721 Datasheet HTML 4Page - PHOENIX CONTACT 2989721 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/us/products/2989721
10/23/2014   Page 4 / 5
Industrial Ethernet Switch - FL SWITCH LM 4TX/1FX ST - 2989721
Classifications
eCl@ss
eCl@ss 4.1
27250501
eCl@ss 5.0
19030117
eCl@ss 5.1
19030117
eCl@ss 6.0
19170106
eCl@ss 7.0
19170106
eCl@ss 8.0
19170106
ETIM
ETIM 2.0
EC000734
ETIM 3.0
EC000734
ETIM 4.0
EC000734
ETIM 5.0
EC000734
UNSPSC
UNSPSC 6.01
43172901
UNSPSC 7.0901
43201404
UNSPSC 11
43172015
UNSPSC 12.01
43201410
UNSPSC 13.2
43201410
Approvals
Approvals
Approvals
UL Listed / cUL Listed / GL / BV / DNV / GL-SW / UL Listed / cUL Listed / GL / BV / DNV / GL-SW / GL / cULus Listed
Ex Approvals
Approvals submitted
Approval details
UL Listed 


Similar Part No. - 2989721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989718 PHOENIX-2989718 Datasheet
113Kb / 5P
   Router with intelligent Firewall, data throughput up to 99 Mbps (Wire Speed), Stateful Inspection Firewall for optimum safety and extremely simple configuration, VPN as per IPsec, hardware encryption with up to 70 Mbps, integrated Analog modem
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
   Web-based management, SNMP
More results

Similar Description - 2989721

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989925 PHOENIX-2989925 Datasheet
66Kb / 5P
   Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and one 10/100 Mbps FX-ST single-mode port
2989624 PHOENIX-2989624 Datasheet
66Kb / 5P
   Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and one 10/100 Mbps FX-SC multi-mode port
2989132 PHOENIX-2989132 Datasheet
87Kb / 5P
   Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and two 100 Mbps FX-ST multi-mode ports
2989828 PHOENIX-2989828 Datasheet
66Kb / 5P
   Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and one 10/100 Mbps FX-SC single-mode port
2832658 PHOENIX-2832658 Datasheet
114Kb / 6P
   Ethernet lean managed switches with four RJ45 ports, 10/100 Mbps
2989527 PHOENIX-2989527 Datasheet
66Kb / 5P
   Ethernet Lean Managed Switch with five 10/100 Mbps RJ45 ports
FL-SWITCH-SMCS-14TX PHOENIX-FL-SWITCH-SMCS-14TX Datasheet
72Kb / 6P
   Ethernet Smart Managed Compact Switch with 14 10/100 Mbps RJ45 ports and two 100 Mbps FX-SC multi-mode ports
2832700 PHOENIX-2832700 Datasheet
105Kb / 9P
   Ethernet Managed Compact Switch with 16 10/100 Mbps RJ45 ports
FL-SWITCH-SMCS-16TX PHOENIX-FL-SWITCH-SMCS-16TX Datasheet
71Kb / 6P
   Ethernet Smart Managed Compact Switch with 16 10/100 Mbps RJ45 ports
logo
Zarlink Semiconductor I...
MTVX2602 ZARLINK-MTVX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com