Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2989239 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2989239
Description  Web-based management, SNMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2989239 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2989239 Datasheet HTML 1Page - PHOENIX CONTACT 2989239 Datasheet HTML 2Page - PHOENIX CONTACT 2989239 Datasheet HTML 3Page - PHOENIX CONTACT 2989239 Datasheet HTML 4Page - PHOENIX CONTACT 2989239 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2989239
10/23/2014   Page 2 / 5
Industrial Ethernet Switch - FL SWITCH LM 4TX/2FX SM ST - 2989239
Technical data
Dimensions
Depth
112 mm
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
30 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
30 % ... 95 % (non-condensing)
Air pressure (operation)
80 kPa ... 108 kPa (2000 above sea level)
Air pressure (storage/transport)
70 kPa ... 108 kPa (3000 above sea level)
Noise immunity
EN 61000-6-2:2005
Interfaces
Interface 1
Ethernet (RJ45)
No. of ports
4 (RJ45 ports)
Connection method
RJ45
Note on connection method
Auto negotiation and autocrossing
Transmission physics
Copper
Transmission speed
10/100 MBit/s
Transmission length
100 m (per segment)
Interface 2
Ethernet FO
No. of ports
2 (ST single mode)
Connection method
ST
Transmission physics
Single mode fiberglass
Transmission speed
100 MBit/s (full duplex)
Transmission length
36000 m (fiberglass with F-G 9/125 0.36 dB/km)
32000 m (fiberglass with F-G 9/125 0.4 dB/km)
26000 m (fiberglass with F-G 9/125 0.5 dB/km)
Wavelength
1300 nm
Interface 5
Serial (V.24 (RS-232))
Connection method
V.24 (RS-232-C), 6-pos. MINI-DIN socket (PS/2)
Function
Basic functions
Store-and-forward switch complies with IEEE 802.3 2, priority classes
according to IEEE 802.1 P TCP/IP protocol, BootP-compatible, port
mirroring, integrated web server function, multicast filtering, IGMP
snooping, VLAN, Rapid Spanning Tree (RSTP), DHCP server, PTCP filter
Supported browsers
Internet Explorer 5.5 or higher
Status and diagnostic indicators
Per Ethernet 2 status LEDs: LINK and status activity, 100, full duplex,
supply voltage US1 and US2 (redundant supply voltage)


Similar Part No. - 2989239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989200 PHOENIX-2989200 Datasheet
671Kb / 22P
   Industrial Ethernet Switch - FL SWITCH GHS 12G/8
Dec 2, 2022
2989213 PHOENIX-2989213 Datasheet
94Kb / 4P
   Firewall/router in PCI format 533 MHz processor cycle frequency
More results

Similar Description - 2989239

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2989734 PHOENIX-2989734 Datasheet
77Kb / 5P
   Web-based management, SNMP
2702332 PHOENIX-2702332 Datasheet
84Kb / 5P
   Web-based management, SNMP
2989336 PHOENIX-2989336 Datasheet
77Kb / 5P
   Web-based management, SNMP
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
   Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
   Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
   Web-based management, SNMP
2989433 PHOENIX-2989433 Datasheet
77Kb / 5P
   Web-based management, SNMP
2891916 PHOENIX-2891916 Datasheet
88Kb / 5P
   Web-based management, SNMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com