Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2989132 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part No. 2989132
Description  Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and two 100 Mbps FX-ST multi-mode ports
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2989132 Datasheet(HTML) 2 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2989132
08/14/2018   Page 2 / 5
Industrial Ethernet Switch - FL SWITCH LM 4TX/2FX ST - 2989132
Technical data
Ambient conditions
Degree of protection
IP20
Ambient temperature (operation)
-40 °C ... 70 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
30 % ... 95 % (non-condensing)
Permissible humidity (storage/transport)
30 % ... 95 % (non-condensing)
Air pressure (operation)
80 kPa ... 108 kPa (2000 m above sea level)
Air pressure (storage/transport)
70 kPa ... 108 kPa (3000 m above sea level)
Interfaces
Interface 1
Ethernet (RJ45)
No. of ports
4 (RJ45 ports)
Note on the connection method
Auto negotiation and autocrossing
Transmission physics
Copper
Transmission speed
10/100 Mbps
Transmission length
100 m (per segment)
Interface 2
Ethernet FO
No. of ports
2 (ST multi-mode)
Transmission physics
multi-mode fiberglass
Transmission speed
100 Mbps (full duplex)
Transmission length
8000 m (fiberglass with F-G 62.5/125 0.7 dB/km F1000)
6400 m (fiberglass with F-G 50/125 0.7 dB/km F1200)
3000 m (fiberglass with F-G 62.5/125 2.6 dB/km F600)
2800 m (fiberglass with F-G 50/125 1.6 dB/km F800)
Wavelength
1300 nm
Interface 5
Serial (RS-232)
Connection method
RS-232-C, 6-pos. MINI-DIN socket (PS/2)
Function
Basic functions
Store-and-forward switch complies with IEEE 802.3, 2 priority classes
according to IEEE 802.1p, TCP/IP protocol, BootP-compatible, port
mirroring, integrated web server function, multicast filtering, IGMP
snooping, VLAN, Rapid Spanning Tree (RSTP), DHCP server, PTCP
filter
Management
Web-based management (HTTP)
SNMP v1/v2
Serial interface (V.24)
Diagnostic functions
1:1-Portmirroring
Filter functions
Quality of Service
VLAN (up to 8 VLANs)
IGMP Query
Auto-Query-Port
Extended Multicast Filtering
Supported browsers
Internet Explorer 5.5 or higher


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn