Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2989132 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part No. 2989132
Description  Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and two 100 Mbps FX-ST multi-mode ports
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2989132 Datasheet(HTML) 1 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2989132
08/14/2018   Page 1 / 5
Industrial Ethernet Switch - FL SWITCH LM 4TX/2FX ST - 2989132
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and two 100 Mbps FX-ST multi-mode ports
Product Description
The compact Lean Managed Switches (LM) enable the flexible and cost-effective creation of managed Ethernet networks in automation
applications. Thanks to the wide range of connection versions and the extended temperature range of -40°C to +70°C, it optimally meets the
requirements of industrial applications. It supports PROFINET conformance class A. And its integrated software enables the redundant creation,
diagnostics, and monitoring of networks using IT standard protocols.
Why buy this product
 Web-based management, SNMP
 Compact housing
 Comprehensive fiber optic versions
 Configuration can be stored externally
 -40°C ... +70°C ambient temperature
 Configurable alarm contact
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4046356342414
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
45 mm
Height
99 mm
Depth
112 mm


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn