Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2989132 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part No. 2989132
Description  Ethernet Lean Managed Switch with four 10/100 Mbps RJ45 ports and two 100 Mbps FX-ST multi-mode ports
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHOENIX [PHOENIX CONTACT]
Homepage  http://www.phoenixcontact.com
Logo 

2989132 Datasheet(HTML) 3 Page - PHOENIX CONTACT

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2989132
08/14/2018   Page 3 / 5
Industrial Ethernet Switch - FL SWITCH LM 4TX/2FX ST - 2989132
Technical data
Function
Redundancy
STP (Spanning Tree Protocol)
RSTP (Rapid Spanning Tree Protocol)
FRD (Fast Ring Detection)
Large Tree Support
PROFINET conformance class
Conformance-Class A
Status and diagnostic indicators
LEDs: US1, US2 (power supply), Fail (alarm contact), 2 LEDs per
Ethernet port (Link/Activity and Speed)
Network expansion parameters
Cascading depth
Network, linear, and star structure: any
Maximum conductor length (twisted pair)
100 m
Supply voltage
Supply voltage
24 V DC (redundant)
Residual ripple
3.6 VPP (within the permitted voltage range)
Supply voltage range
18.5 V DC ... 30.5 V DC
Typical current consumption
250 mA (at US = 24 V DC)
General
Mounting type
DIN rail
Type AX
Block design
Net weight
230 g
Connection data
Connection method
Screw connection
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²
Conductor cross section flexible max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
12
Stripping length
7 mm
Standards and Regulations
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Type of test
Vibration resistance in acc. with EN 60068-2-6/IEC 60068-2-6
Test result
Operation/Storage/Transport: 5g, 150 Hz, Criterion 3
Noise emission
EN 61000-6-3/-4
Noise immunity
EN 61000-6-2:2005
Vibration (storage/transport)
5g, 150 Hz, in acc. with IEC 60068-2-6
Vibration (operation)
in acc. with IEC 60068-2-6: 5g, 150 Hz
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn