Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR17D152CM Datasheet(PDF) 11 Page - Exar Corporation

Part # XR17D152CM
Description  UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR17D152CM Datasheet(HTML) 11 Page - Exar Corporation

Back Button XR17D152CM Datasheet HTML 7Page - Exar Corporation XR17D152CM Datasheet HTML 8Page - Exar Corporation XR17D152CM Datasheet HTML 9Page - Exar Corporation XR17D152CM Datasheet HTML 10Page - Exar Corporation XR17D152CM Datasheet HTML 11Page - Exar Corporation XR17D152CM Datasheet HTML 12Page - Exar Corporation XR17D152CM Datasheet HTML 13Page - Exar Corporation XR17D152CM Datasheet HTML 14Page - Exar Corporation XR17D152CM Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
áç
áç
áç
áç
XR17D152
REV. 1.2.0
UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
11
2.2
Device configuration Register Set
The device configuration registers and a special way to access each of the UART’s transmit and receive data
FIFOs are accessible directly from the PCI data bus. This provides easy programming of general operating
parameters to the D152 UART and for monitoring the status of various functions. The registers occupy 1K of
PCI bus memory address space. These addresses are offset onto the basic memory address, a value loaded
into the Memory Base Address Register (BAR) in the PCI local bus configuration register set. These registers
control or report on both channel UARTs functions that include interrupt control and status, 16-bit general
purpose timer control and status, multipurpose inputs/outputs control and status, sleep mode control, soft-
reset control, and device identification and revision, and others.
The registers set is mapped into 2 address blocks where each UART channel occupies 512 bytes memory
space for its own 16550 compatible configuration registers. The device configuration and control registers are
embedded inside the UART channel zero’s address space between 0x0080 to 0x0093. All these registers can
be accessed in 8, 16, 24 or 32 bit width depending on the starting address given by the host at beginning of the
bus cycle. Transmit and receive data may be loaded or unloaded in 8, 16, 24 or 32 bit format to the register’s
address. Every time a read or write operation is made to the transmit or receive register, its FIFO data pointer
is automatically bumped to the next sequential data location either in byte, word or dword. One special case
applies to the receive data unloading when reading the receive data together with its LSR register content. The
host must read them in 16 or 32 bits format in order to maintain integrity of the data byte with its associated
error tags.
0x18h
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x1C
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x20
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x24
31:0
RO
Unimplemented Base Address Register (returns zeros)
0x00000000
0x28
31:0
RO
Reserved
0x00000000
0x2C
31:16
RWR1
Subsystem ID (write from external EEPROM by customer)
0x0000
15:0
RWR1
Subsystem Vendor ID (write from external EEPROM by cus-
tomer)
0x0000
0x30
31:0
RO
Expansion ROM Base Address (Unimplemented)
0x00000000
0x34
31:0
RO
Reserved (returns zeros)
0x00000000
0x38
31:0
RO
Reserved (returns zeros)
0x00000000
0x3C
31:24
RO
Unimplemented MAXLAT
0x00
23:16
RO
Unimplemented MINGNT
0x00
15:8
RO
Interrupt Pin, use INTA#.
0x01
7:0
RWR
Interrupt Line.
0xXX
NOTE: RWR1=Read/Write from external EEPROM. RWR=Read/Write from AD[31:0]. RO= Read Only. WO=Write Only.
TABLE 1: PCI LOCAL BUS CONFIGURATION SPACE REGISTERS
ADDRESS
BITS
TYPE
DESCRIPTION
RESET VALUE
(HEX)


Similar Part No. - XR17D152CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17D152 EXAR-XR17D152 Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results

Similar Description - XR17D152CM

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
   UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
XR17D158 EXAR-XR17D158 Datasheet
1Mb / 72P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158 EXAR-XR17D158_05 Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17D158IV-F EXAR-XR17D158IV-F Datasheet
1Mb / 73P
   UNIVERSAL (3.3V AND 5V) PCI BUS OCTAL UART
XR17C152 EXAR-XR17C152 Datasheet
649Kb / 62P
   5V PCI BUS DUAL UART
XR17L152 EXAR-XR17L152 Datasheet
318Kb / 55P
   3.3V PCI BUS DUAL UART
XR17C154 EXAR-XR17C154 Datasheet
721Kb / 62P
   5V PCI BUS QUAD UART
XR17C154 EXAR-XR17C154_05 Datasheet
1Mb / 62P
   5V PCI BUS QUAD UART
XR17C158 EXAR-XR17C158 Datasheet
1Mb / 67P
   5V PCI BUS OCTAL UART
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com