Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC62WV0256CI-70 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # UC62WV0256CI-70
Description  Low Power CMOS SRAM 32K X8 Bits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC62WV0256CI-70 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  UC62WV0256CI-70 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62WV0256CI-70 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62WV0256CI-70 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62WV0256CI-70 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62WV0256CI-70 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62WV0256CI-70 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62WV0256CI-70 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62WV0256CI-70 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62WV0256CI-70 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Low Power CMOS SRAM
32K X8 Bits
UC62WV0256
-35/-55/-70
AC TEST CONDITIONS
Input Pulse Levels
Input Rise and Fall Times
Input and Output Timing Reference Level
VCC/0V
1V/ns
0.5VCC
AC TEST LOADS AND WAVEFORMS
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1A
3.3V
OUTPUT
INCLUDING
JIG AND
SCOPE
FIGURE 1B
667
TERMINAL EQUIVALENT
OUTPUT
1.73V
GND
V
CC
5ns
5ns
10%
90%
90%
10%
ALL INPUT PULSES
FIGURE 2
KEY TO SWITCHING WAVEFORMS
WAVEFORMS
INPUTS
OUTPUTS
MUST BE
STEADY
MUST BE
STEADY
MAY CHANGE
FROM H TO L
WILL BE
CHANGE
FROM H TO L
MAY CHANGE
FROM L TO H
WILL BE
CHANGE
FROM L TO H
DON’T CARE
ANY CHANGE
PERMITTED
CHANGE
STATE
UNKNOWN
DOES NOT
APPLY
CENTER LINE
IS HIGH
IMPEDANCE
OFF STATE
AC ELECTRICAL CHARACTERISTICS (TA=0℃ to 70℃, VCC=3.0V)
READ CYCLE
UC62WV0256-35
UC62WV0256-70
JEDEC
PARAMETER
NAME
PARAMETER
NAME
DESCRIPTION
Min
Typ
Max
Min
Typ
Max
UNIT
tAVAX
tRC
Read Cycle Time
35
-
-
70
-
-
ns
tAVQV
tAA
Address Access Time
-
-
35
-
-
70
ns
tELQV
tCE
Chip Select Access Time
-
-
35
-
-
70
ns
tGLQV
tOE
Output Enable to Output Valid
-
-
15
-
-
50
ns
tELQX
tCLZ
Chip Select to Output Low Z
5
-
-
10
-
-
ns
tGLQX
tOLZ
Output Enable to Output Low Z
5
-
-
10
-
-
ns
tEHQZ
tCHZ
Chip Deselect to Output in High Z
0
-
35
0
-
35
ns
tGHQZ
tOHZ
Output Disable to Output in High Z
0
-
20
0
-
30
ns
tAXOX
tOH
Address Chang to Output Change
10
-
-
10
-
-
ns
U-Chip Technology Corp. LTD.
Revision 2.0
Reserves the right to modify document contents without notice.
PAGE
4


Similar Part No. - UC62WV0256CI-70

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC62130G-AF5-R UTC-UC62130G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62133G-AF5-R UTC-UC62133G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62140G-AF5-R UTC-UC62140G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62150G-AF5-R UTC-UC62150G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
More results

Similar Description - UC62WV0256CI-70

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Alliance Semiconductor ...
AS6C1616-55TINL ALSC-AS6C1616-55TINL Datasheet
421Kb / 11P
   16M Bits LOW POWER CMOS SRAM
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com