Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X96010V14IZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # X96010V14IZ
Description  Sensor Conditioner with Dual Look Up Table Memory and DACs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X96010V14IZ Datasheet(HTML) 4 Page - Intersil Corporation

  X96010V14IZ Datasheet HTML 1Page - Intersil Corporation X96010V14IZ Datasheet HTML 2Page - Intersil Corporation X96010V14IZ Datasheet HTML 3Page - Intersil Corporation X96010V14IZ Datasheet HTML 4Page - Intersil Corporation X96010V14IZ Datasheet HTML 5Page - Intersil Corporation X96010V14IZ Datasheet HTML 6Page - Intersil Corporation X96010V14IZ Datasheet HTML 7Page - Intersil Corporation X96010V14IZ Datasheet HTML 8Page - Intersil Corporation X96010V14IZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
FN8214.1
October 25, 2005
Notes: 1.
The device goes into Standby: 200 ns after any STOP, except those that initiate a nonvolatile write cycle. It goes into Standby tWC after
a STOP that initiates a nonvolatile write cycle. It also goes into Standby 9 clock cycles after any START that is not followed by the cor-
rect Slave Address Byte.
2.
tWC is the time from a valid STOP condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It
is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
3.
For this range of V(VRef) the full scale sink mode current at I1 and I2 follows V(VRef) with a linearity error smaller than 1%.
4.
This parameter is periodically sampled and not 100% tested.
5.
TCOref = [Max V(VREF) - Min V(VREF)] x 106/(1.21V x 140°C)
VIHCMOS
WP, A0, A1, and A2 input
High voltage
0.8 x
Vcc
Vcc
V
VRefout
Output Voltage at VRef at
25°C
1.205
1.21
1.215
V
-20
µA ≤ I(VRef) ≤ 20 µA
RVref
VRef pin input resistance
20
40
k
VRM bit = “1”, 25°C
TCOref
Temperature coefficient of
VRef output voltage
-100
+100
ppm/°
C
See note 4 and 5.
VRef Range
Voltage range when VRef
is an input
1
1.3
V
See note 3.
IR
Current from pin R1 or R2
to Vss
0
3200
µA
VPOR
Power-on reset threshold
voltage
1.5
2.8
V
VccRamp
Vcc Ramp Rate
0.2
50
mV /
µs
VADCOK
ADC enable minimum
voltage
2.6
2.8
V
See Figure 10.
ELECTRICAL CHARACTERISTICS (Continued) (Conditions are as follows, unless otherwise specified)
All typical values are for 25°C ambient temperature and 5V at pin Vcc. Maximum and minimum specifications are over
the recommended operating conditions. All voltages are referred to the voltage at pin Vss. Bit 3 in Control register 0 is
“1”, while all other bits in control registers are “0”. 255
Ω, 0.1%, resistor connected between R1 and Vss, and another
between R2 and Vss. 400kHz TTL input at SCL. SDA pulled to Vcc through an external 2k
Ω resistor. 2-wire interface
in “standby” (see notes 1 and 2 on page 5). WP, A0, A1, and A2 floating. VRef pin unloaded.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions / Notes
X96010


Similar Part No. - X96010V14IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X96010V14IZ RENESAS-X96010V14IZ Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
More results

Similar Description - X96010V14IZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X96010 RENESAS-X96010 Datasheet
438Kb / 26P
   Sensor Conditioner with Dual Look Up Table Memory and DACs
October 25, 2005
X96012 RENESAS-X96012 Datasheet
478Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
February 20, 2008
logo
Intersil Corporation
X96012 INTERSIL-X96012 Datasheet
383Kb / 27P
   Universal Sensor Conditioner with Dual Look Up Table Memory and DACs
X96012 INTERSIL-X96012_08 Datasheet
354Kb / 23P
   Universal Sensor Conditioner with Dual Look-up Table Memory and DACs
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Integrated Device Techn...
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
   Automotive Sensor Signal Conditioner with Dual Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com