Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC62WV0256CI-55 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # UC62WV0256CI-55
Description  Low Power CMOS SRAM 32K X8 Bits
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

UC62WV0256CI-55 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  UC62WV0256CI-55 Datasheet HTML 1Page - List of Unclassifed Manufacturers UC62WV0256CI-55 Datasheet HTML 2Page - List of Unclassifed Manufacturers UC62WV0256CI-55 Datasheet HTML 3Page - List of Unclassifed Manufacturers UC62WV0256CI-55 Datasheet HTML 4Page - List of Unclassifed Manufacturers UC62WV0256CI-55 Datasheet HTML 5Page - List of Unclassifed Manufacturers UC62WV0256CI-55 Datasheet HTML 6Page - List of Unclassifed Manufacturers UC62WV0256CI-55 Datasheet HTML 7Page - List of Unclassifed Manufacturers UC62WV0256CI-55 Datasheet HTML 8Page - List of Unclassifed Manufacturers UC62WV0256CI-55 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low Power CMOS SRAM
32K X8 Bits
UC62WV0256
-35/-55/-70
PIN DESCRIPTION
Name
Type
Function
A0 – A14
Input
Address inputs for selecting one of the 32768 x 8 bit words in the RAM
CE\
Input
CE\ is active LOW. Chip enable must be active when data read from or write to the device. If chip
enable is not active, the device is deselected and not in a standby power down mode. The DQ
pins will be in high impedance state when the device is deselected.
WE\
Input
The Write enable input is active LOW and controls read and write operations. With the chip
selected, when WE\ is HIGH and OE\ is LOW, output data will be present on the DQ pins, when
WE\ is LOW, the data present on the DQ pins will be written into the selected memory location.
OE\
Input
The output enable input is active LOW. If the output enable is active while the chip is selected
and the write enable is inactive, data will be present on the DQ pins and they will be enabled.
The DQ pins will be in the high impedance state when OE\ is inactive.
DQ0 – DQ7
I/O
These 8 bi0directional ports are used to read data from or write data into the RAM.
Vcc
Power
Power Supply
Gnd
Power
Ground
TRUTH TABLE
Mode
WE\
CE\
OE\
I/O state
Vcc Current
Not Selected
X
H
X
High Z
ISB,ISB1
Output Disabled
H
L
H
High Z
ICC
Read
H
L
L
DOUT
ICC
Write
L
L
X
DIN
ICC
ABSOLUTE MAXIMUM RATINGS
(1)
SYMBOL
PARAMETER
RATING
UNIT
VTERM
Terminal Voltage with
Respect to GND
-0.5 to VCC+0.5
V
TBIAS
Temperature Under Bias
-40 to 125
TSTG
Storage Temperature
-50 to 150
PT
Power Dissipation
50mW
W
IOUT
DC Output Current
10
mA
1. Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for
extended periods may affect reliability.
OPERATING RANGE
RANGE
AMBIENT
TEMPERATURE
VCC
Commercial
0℃ to 70℃
2.0V ~ 5.6V
Industrial
-25℃ to 85℃
2.0V ~ 5.6V
CAPACITANCE
(1)(TA=25℃,f=1.0MHz)
SYMBOL
PARAMETER
CONDITIONS MAX.
UNIT
CIN
Input
Capacitance
VIN=0V
6
pF
CDQ
Input/Output
Capacitance
VDQ
8
pF
1. This parameter is guaranteed and not 100% tested.
U-Chip Technology Corp. LTD.
Revision 2.0
Reserves the right to modify document contents without notice.
PAGE
2


Similar Part No. - UC62WV0256CI-55

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC62130 UTC-UC62130 Datasheet
199Kb / 14P
   BOOSTING VOLTAGE REGULATORS
UC62130G-AF5-R UTC-UC62130G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62133G-AF5-R UTC-UC62133G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62140G-AF5-R UTC-UC62140G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
UC62150G-AF5-R UTC-UC62150G-AF5-R Datasheet
402Kb / 13P
   BOOSTING VOLTAGE REGULATORS
More results

Similar Description - UC62WV0256CI-55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UC62LV0256 ETC1-UC62LV0256 Datasheet
464Kb / 10P
   Low Power CMOS SRAM 32K X8 Bits
logo
Hynix Semiconductor
GM76C256C HYNIX-GM76C256C Datasheet
177Kb / 11P
   32K x8 bit 5.0V Low Power CMOS slow SRAM
GM76V256C HYNIX-GM76V256C Datasheet
175Kb / 11P
   32K x8 bit 3.3V Low Power CMOS slow SRAM
GM76U256C HYNIX-GM76U256C Datasheet
175Kb / 11P
   32K x8 bit 3.0V Low Power CMOS slow SRAM
logo
Alliance Semiconductor ...
AS6C1616-55TINL ALSC-AS6C1616-55TINL Datasheet
421Kb / 11P
   16M Bits LOW POWER CMOS SRAM
logo
STMicroelectronics
M48T39Y STMICROELECTRONICS-M48T39Y Datasheet
30Kb / 4P
   256 Kb 32K x8 TIMEKEEPER SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com