Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W963L6ABN Datasheet(PDF) 4 Page - Winbond

Part # W963L6ABN
Description  512K WORD X 16 BIT LOW POWER PSEUDO SRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W963L6ABN Datasheet(HTML) 4 Page - Winbond

  W963L6ABN Datasheet HTML 1Page - Winbond W963L6ABN Datasheet HTML 2Page - Winbond W963L6ABN Datasheet HTML 3Page - Winbond W963L6ABN Datasheet HTML 4Page - Winbond W963L6ABN Datasheet HTML 5Page - Winbond W963L6ABN Datasheet HTML 6Page - Winbond W963L6ABN Datasheet HTML 7Page - Winbond W963L6ABN Datasheet HTML 8Page - Winbond W963L6ABN Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
W963L6ABN
4. BALL CONFIGURATION
A
Top view
E
B
C
D
F
1
H
23
5
6
( FBGA48 , 8 x 10mm , pitch 0.75mm )
LB
DQ9
DQ10
VSS
VDD
DQ15
DQ16
A18
OE
UB
DQ11
DQ12
DQ13
DQ14
NC
A8
A0
A3
A5
A17
NC
A14
A12
A9
A1
A4
A6
A7
A16
A15
A13
A10
A2
CE1
DQ2
DQ4
DQ5
DQ6
WE
A11
CE2
DQ1
DQ3
VDD
VSS
DQ7
DQ8
NC
4
G
5. BALL DESCRIPTION
SYMBOL
DESCRIPTION
A0
− A18
Address Input
CE1
Chip Enable Input 1, Low: Enable
CE2
Chip Enable Input 2, High: Enable, Low: Enter Power Down Mode
WE
Write Enable Input
OE
Output Enable Input
LB
Lower Byte Write Control
UB
Upper Byte Write Control
I/O1
− I/O16
Data Inputs/Outputs
VDD
Power Supply
VSS
Ground
NC
No Connection
- 4 -


Similar Part No. - W963L6ABN

ManufacturerPart #DatasheetDescription
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70 WINBOND-W963A6BBN70 Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70E WINBOND-W963A6BBN70E Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN70I WINBOND-W963A6BBN70I Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
W963A6BBN80 WINBOND-W963A6BBN80 Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
More results

Similar Description - W963L6ABN

ManufacturerPart #DatasheetDescription
logo
Winbond
W963A6BBN WINBOND-W963A6BBN Datasheet
955Kb / 29P
   512K WORD X 16 BIT LOW POWER PSEUDO SRAM
logo
Etron Technology, Inc.
EM565168 ETRON-EM565168 Datasheet
122Kb / 12P
   512K x 16 Pseudo SRAM
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
Winbond
W964B6BBN WINBOND-W964B6BBN Datasheet
961Kb / 30P
   1M WORD X 16BIT LOW POWER PSEUDO SRAM
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com