Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7153 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE7153
Description  Integrated Circuit Vertical Deflection Output Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7153 Datasheet(HTML) 2 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics: (VCC6 = 24V, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Pump–Up Charge Saturation Voltage
VS7–1 I7 = 20mA
1.8
V
Pump–Up Discharge Saturation Voltage
VS6–7 I7 = –1.1A
3.2
V
Deflection Output Saturation Voltage (Lower)
VS2–1 I2 = 1.1A
1.5
V
Deflection Output Saturation Voltage (Upper)
VS3–2 I2 = –1.1A
3.5
V
Idling Current
IDL
35
65
mA
Midpoint Voltage
VMID
11
12
13
V
Output Stage VCC
VCC
Pin Connection Diagram
(Front View)
.527
(13.4)
.425
(10.8)
.590
(15.0)
.708 (18.0)
.228
(5.8)
.100 (2.54)
.118 (3.0)
17
Inverting Input
Pump–Up Output
Non–Inverting Input
Ver. Output
7
6
5
4
3
2
1 GND


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn