Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE7153 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE7153
Description  Integrated Circuit Vertical Deflection Output Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE7153 Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE7153
Integrated Circuit
Vertical Deflection Output Circuit
Description:
The NTE7153 is a vertical deflection output integrated circuit in a 7–Lead SIP type package designed
for use in TV and CRT displays with excellent image quality that use a BUS control system signal proc-
essing IC. This device can drive the direct (even including a DC component) deflection yoke with the
sawtooth wave output from the BUS control system signal processing IC. Because the maximum
deflection current is 2.2AP–P, the NTE7153 is suitable for use in large screen sets.
Features:
D Low Power Dissipation due to Built–In Pump–Up Circuit
D Vertical Output Circuit
D Thermal Protection Circuit Built–In
D Excellent Crossover Characteristics
D DC Coupling Possible
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCC6 max
34V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Block Supply Voltage, VCC3 max
70V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Deflection Output Current, I2max
–1.5 to +1.5AP–O
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (With Arbitraily Large Heat Sink), PDmax
9W
. . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstgv
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal Resistance, Junction–to–Case, RthJC
4
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operation Conditions: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Recommended Supply Voltage
VCC6
24
V
Operating Supply Voltage Range
VCC6 op
16
33
V
Recommended Deflection Output Current
I2P–P
2.2
AP–P


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn