Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNH3ASP30TR-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNH3ASP30TR-E
Description  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH3ASP30TR-E Datasheet(HTML) 4 Page - STMicroelectronics

  VNH3ASP30TR-E Datasheet HTML 1Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 2Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 3Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 4Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 5Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 6Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 7Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 8Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
VNH3ASP30-E
4/18
Table 6. Absolute Maximum Rating
Figure 4. Current and Voltage Conventions
Table 7. Thermal Data
Note: (*) When mounted using the recommended pad size on FR-4 board (see MultiPowerSO-30 Mechanical data).
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
+ 41
V
Imax
Maximum Output Current (continuous)
30
A
IR
Reverse Output Current (continuous)
-30
A
IIN
Input Current (INA and INB pins)
+/- 10
mA
IEN
Enable Input Current (DIAGA/ENA and DIAGB/ENB pins)
+/- 10
mA
Ipw
PWM Input Current
+/- 10
mA
VCS
Current Sense Maximum Voltage
-3/+15
V
VESD
Electrostatic Discharge (R=1.5k
Ω, C=100pF)
- CS pin
- logic pins
- output pins: OUTA, OUTB, VCC
2
4
5
kV
kV
kV
Tj
Junction Operating Temperature
Internally Limited
°C
Tc
Case Operating Temperature
-40 to 150
°C
TSTG
Storage Temperature
-55 to 150
°C
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case (Per leg)
(MAX)
1.0
°C/W
Rthj-amb (*)
Thermal resistance junction-ambient
(MAX)
20
°C/W
VCC
INA
GNDB
IS
IOUTA
IINA
VINA
VCC
VOUTA
ISENSE
VOUTB
DIAGA/ENA
IENA
IGND
IOUTB
INB
IINB
DIAGB/ENB
IENB
VENB
VENA
VINB
VSENSE
OUTA
OUTB
PWM
CS
Ipw
Vpw
GNDA
GND


Similar Part No. - VNH3ASP30TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - VNH3ASP30TR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com